Electronic Components Datasheet Search
  English  ▼

X  

DRV612 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV612
Description  2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV612 Datasheet(HTML) 2 Page - Texas Instruments

  DRV612 Datasheet HTML 1Page - Texas Instruments DRV612 Datasheet HTML 2Page - Texas Instruments DRV612 Datasheet HTML 3Page - Texas Instruments DRV612 Datasheet HTML 4Page - Texas Instruments DRV612 Datasheet HTML 5Page - Texas Instruments DRV612 Datasheet HTML 6Page - Texas Instruments DRV612 Datasheet HTML 7Page - Texas Instruments DRV612 Datasheet HTML 8Page - Texas Instruments DRV612 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CP
GND
GAIN
VDD
VSS
CN
GND
NC
1
3
4
2
5
6
7
14
12
11
13
10
9
8
NC
GND
1
3
4
2
12
10
9
11
GND
-IN_L
OUT_L
MUTE
-IN_R
OUT_R
OUT_L
MUTE
GND
GAIN
VDD
OUT_R
RGT PACKAGE
QFN
(TOP VIEW)
PW PACKAGE
TSSOP
(TOP VIEW)
DRV612
SLOS690B
– DECEMBER 2010 – REVISED APRIL 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
GENERAL INFORMATION
TERMINAL ASSIGNMENT
The DRV612 is available in package:
•
14-pin TSSOP package (PW) or 16-pin QFN package (RGT)
PIN FUNCTIONS
PIN
FUNCTION(1)
DESCRIPTION
NAME
PW NO.
RGT NO.
-IN_L
1
16
I
Negative input, left channel
OUT_L
2
1
O
Output, left channel
GND
3, 11
2, 3, 10
P
Ground
MUTE
4
4
I
MUTE, active low
VSS
5
5
O
Change Pump negative supply voltage
CN
6
6
I/O
Charge Pump flying capacitor negative connection
NC
7, 8
7. 14, 15
No internal connection
CP
9
8
I/O
Charge Pump flying capacitor positive connection
VDD
10
9
P
Supply voltage, connect to positive supply
Gain set programming pin; connect a resistor to ground.
GAIN
12
11
I
See Table 1 for recommended resistor values
OUT_R
13
12
O
Output, right channel
-IN_R
14
13
I
Negative input, right channel
Thermal Pad
n/a
Thermal Pad
P
Connect to ground
(1)
I = input, O = output, P = power
2
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com