Electronic Components Datasheet Search
  English  ▼

X  

TAS5630 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630
Description  300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5630 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5630 Datasheet HTML 8Page - Texas Instruments TAS5630 Datasheet HTML 9Page - Texas Instruments TAS5630 Datasheet HTML 10Page - Texas Instruments TAS5630 Datasheet HTML 11Page - Texas Instruments TAS5630 Datasheet HTML 12Page - Texas Instruments TAS5630 Datasheet HTML 13Page - Texas Instruments TAS5630 Datasheet HTML 14Page - Texas Instruments TAS5630 Datasheet HTML 15Page - Texas Instruments TAS5630 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
0
340
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
25
50
30
35
40
45
PVDD-SupplyVoltage-V
T =75°C
THD+Nat10%
C
4 W
6 W
8 W
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
400
100m200m
1
2
5 10 20
50 100
P
-OutputPower-W
O
4 W
6 W
8 W
T =75°C
C
0
100
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0
700
100
200
300
400
500
600
2ChannelOutputPower-W
T =25°C
THD+Nat10%
C
4 W
6 W
8 W
0
300
20
40
60
80
100
120
140
160
180
200
220
240
260
280
25
50
30
35
40
45
PVDD-SupplyVoltage-V
T =75°C
C
4 W
6 W
8 W
TAS5630
SLES220B – JUNE 2009 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
TOTAL HARMONIC+NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
12
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com