Electronic Components Datasheet Search
  English  ▼

X  

TAS5630 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630
Description  300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5630 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5630 Datasheet HTML 9Page - Texas Instruments TAS5630 Datasheet HTML 10Page - Texas Instruments TAS5630 Datasheet HTML 11Page - Texas Instruments TAS5630 Datasheet HTML 12Page - Texas Instruments TAS5630 Datasheet HTML 13Page - Texas Instruments TAS5630 Datasheet HTML 14Page - Texas Instruments TAS5630 Datasheet HTML 15Page - Texas Instruments TAS5630 Datasheet HTML 16Page - Texas Instruments TAS5630 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
0
340
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
10
120
20
30
40
50
60
70
80
90
100 110
4 W
6 W
8 W
THD+Nat10%
T -CaseTemperature-°C
C
0
80
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0
600
100
200
300
400
500
2ChannelOutputPower-W
T =25°C
THD+Nat10%
C
4 W
8 W
6 W
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0k
4k
6k
8k 10k 12k 14k 16k 18k
22k
f-Frequency-Hz
T =75°C,
V
=31.9V,
SampleRate=48kHz,
FFTSize=16384
C
REF
4 W
2k
20k
TAS5630
www.ti.com
SLES220B – JUNE 2009 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
SYSTEM POWER LOSS
OUTPUT POWER
vs
vs
OUTPUT POWER
CASE TEMPERATURE
Figure 5.
Figure 6.
NOISE AMPLITUDE
vs
FREQUENCY
Figure 7.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com