Electronic Components Datasheet Search
  English  ▼

X  

TPS53353 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 2 Page - Texas Instruments

  TPS53353 Datasheet HTML 1Page - Texas Instruments TPS53353 Datasheet HTML 2Page - Texas Instruments TPS53353 Datasheet HTML 3Page - Texas Instruments TPS53353 Datasheet HTML 4Page - Texas Instruments TPS53353 Datasheet HTML 5Page - Texas Instruments TPS53353 Datasheet HTML 6Page - Texas Instruments TPS53353 Datasheet HTML 7Page - Texas Instruments TPS53353 Datasheet HTML 8Page - Texas Instruments TPS53353 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS53353
SLUSAK2
– AUGUST 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
ORDERING PART
MINIMUM
TA
PACKAGE
PINS
OUTPUT SUPPLY
ECO PLAN
NUMBER
QUANTITY
TPS53353DQPR
Tape and reel
2500
Green (RoHS and no
Plastic QFN
–40°C to 85°C
22
Pb/Br)
(DQP)
TPS53353DQPT
Mini reel
250
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
MIN
MAX
VIN (main supply)
–0.3
25
VDD
–0.3
28
Input voltage range
VBST
–0.3
32
V
VBST(with respect to LL)
–0.3
7
EN, TRIP, VFB, RF, MODE
–0.3
7
DC
–2
25
LL
Pulse
< 20ns, E=5 μJ
–7
27
Output voltage range
V
PGOOD, VREG
–0.3
7
GND
–0.3
0.3
Source/Sink current
VBST
50
mA
Operating free-air temperature, TA
–40
85
Storage temperature range, Tstg
–55
150
˚C
Junction temperature range, TJ
–40
150
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS53353
THERMAL METRIC(1)
UNITS
DQP (22 PINS)
θJA
Junction-to-ambient thermal resistance
27.2
θJCtop
Junction-to-case (top) thermal resistance
12.1
θJB
Junction-to-board thermal resistance
5.9
°C/W
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
5.8
θJCbot
Junction-to-case (bottom) thermal resistance
1.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com