Electronic Components Datasheet Search
  English  ▼

X  

TPS53353 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS53353 Datasheet HTML 17Page - Texas Instruments TPS53353 Datasheet HTML 18Page - Texas Instruments TPS53353 Datasheet HTML 19Page - Texas Instruments TPS53353 Datasheet HTML 20Page - Texas Instruments TPS53353 Datasheet HTML 21Page - Texas Instruments TPS53353 Datasheet HTML 22Page - Texas Instruments TPS53353 Datasheet HTML 23Page - Texas Instruments TPS53353 Datasheet HTML 24Page - Texas Instruments TPS53353 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
(
)
(
)
æ
ö
-
´
æ
ö
-
´
´
´
W
ç
÷
ç
÷
ç
÷
´
´
è
ø
è
ø
W =
m
IN
OUT
OUT
OCP
DS(on)
SW
IN
TRIP
TRIP
V
V
V
1
I
32
R
m
2
L
f
V
R
(k
)
I
( A)
´
>
´
´
OUT
ON
L
C
t
N
R7
C1
2
-
=
´
´
IN
OUT
INJ _ SW
SW
V
V
D
V
R7
C1
f
(
)
(
)
=
´
+
´
´
IND ripple
INJ _ OUT
IND ripple
OUT
SW
I
V
ESR
I
8
C
f
+
=
+
INJ _ SW
INJ _ OUT
VFB
V
V
V
0.6
2
-
=
´
OUT
VFB
VFB
V
V
R1
R2
V
TPS53353
www.ti.com
SLUSAK2
– AUGUST 2011
6. CHOOSE THE OVERCURRENT SETTING RESISTOR
The overcurrent setting resistor, RTRIP, can be determined by Equation 10.
where
•
ITRIP is the TRIP pin sourcing current (10 µA)
•
RDS(on) is the thermally compensated on-time resistance value of the low-side MOSFET
(10)
Use an RDS(on) value of 1.6 mΩ for an overcurrent level of approximately 20 A. Use an RDS(on) value of
1.7 m
Ω for overcurrent level of approximately 10 A.
External Component Selection Using All Ceramic Output Capacitors
When a ceramic output capacitor is used, the stability criteria in Equation 5 cannot be satisfied. The ripple
injection approach as shown in Figure 2 is implemented to increase the ripple on the VFB pin and make the
system stable. In addition to the selections made using steps 1 through step 6 in the External Component
Selection section, the ripple injection components must be selected. The C2 value can be fixed at 1 nF. The
value of C1 can be selected between 10 nF to 200 nF.
where
•
N is the coefficient to account for L and COUT variation
(11)
N is also used to provide enough margin for stability. It is recommended N=2 for VOUT ≤ 1.8 V and N=4 for VOUT
≥ 3.3 V or when L ≤ 250 nH. The higher VOUT needs a higher N value because the effective output capacitance is
reduced significantly with higher DC bias. For example, a 6.3-V, 22-
µF ceramic capacitor may have only 8 µF of
effective capacitance when biased at 5 V.
Because the VFB pin voltage is regulated at the valley, the increased ripple on the VFB pin causes the increase
of the VFB DC value. The AC ripple coupled to the VFB pin has two components, one coupled from SW node
and the other coupled from the VOUT pin and they can be calculated using Equation 12 and Equation 13 when
neglecting the output voltage ripple caused by equivalent series inductance (ESL).
(12)
(13)
It is recommended that VINJ_SW to be less than 50 mV. If the calculated VINJ_SW is higher than 50 mV, then other
parameters need to be adjusted to reduce it. For example, COUT can be increased to satisfy Equation 11 with a
higher R7 value, thereby reducing VINJ_SW.
The DC voltage at the VFB pin can be calculated by Equation 14:
(14)
And the resistor divider value can be determined by Equation 15:
(15)
Copyright
© 2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com