Electronic Components Datasheet Search
  English  ▼

X  

SP339E Datasheet(PDF) 2 Page - Exar Corporation

Part # SP339E
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339E Datasheet(HTML) 2 Page - Exar Corporation

  SP339E Datasheet HTML 1Page - Exar Corporation SP339E Datasheet HTML 2Page - Exar Corporation SP339E Datasheet HTML 3Page - Exar Corporation SP339E Datasheet HTML 4Page - Exar Corporation SP339E Datasheet HTML 5Page - Exar Corporation SP339E Datasheet HTML 6Page - Exar Corporation SP339E Datasheet HTML 7Page - Exar Corporation SP339E Datasheet HTML 8Page - Exar Corporation SP339E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in
the operation sections to the specifications below is not implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability and cause permanent damage to the device.
Supply Voltage VCC
-0.3V to +6.0V
Receiver Input Voltage (from Ground)
±20V
Driver Output Voltage (from Ground)
±20V
Short Circuit Duration, TX out to Ground
Continuous
Voltage at TTL Input Pins
-0.3V to VCC+0.5V
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Power Dissipation 40-pin QFN
(derate 17mW/°C above +70°C)
500mW
SP339E
2
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.0
CAUTION:
ESD (ElectroStatic Discharge) sensitive device. Permanent damage may occur on unconnected devices subject to high
energy electrostatic fields. Unused devices must be stored in conductive foam or shunts. Personnel should be properly
grounded prior to handling this device. The protective foam should be discharged to the destination socket before devices
are removed.
ESD PROTECTION
MIN.
TYP.
MAX.
UNITS
R1-R9
Tx Output & Rx Input Pins
±15
kV
Human Body Model (HBM)
±8
kV
IEC 61000-4-2 (Contact)
All Other Pins
±2
kV
Human Body Model (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com