Electronic Components Datasheet Search
  English  ▼

X  

SP339E Datasheet(PDF) 7 Page - Exar Corporation

Part # SP339E
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339E Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP339E Datasheet HTML 3Page - Exar Corporation SP339E Datasheet HTML 4Page - Exar Corporation SP339E Datasheet HTML 5Page - Exar Corporation SP339E Datasheet HTML 6Page - Exar Corporation SP339E Datasheet HTML 7Page - Exar Corporation SP339E Datasheet HTML 8Page - Exar Corporation SP339E Datasheet HTML 9Page - Exar Corporation SP339E Datasheet HTML 10Page - Exar Corporation SP339E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SP339E
7
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
ELECTRICAL CHARACTERISTICS (Continued)
UNLESS OTHERWISE NOTED:
VCC = +3.3V ±5% or +5.0V ±5%, C1-C4 = 0.1µF; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DIFFERENTIAL RECEIVER INPUTS (RS-485 / RS-422)
RIN
Receiver Input Resistance
96
k
Ω
TERM = 0V,
-7V
≤ VIN ≤ +12V
VTH
Receiver Differential Threshold
Voltage
-200
-125
-50
mV
∆VTH
Receiver Input Hysteresis
25
mV
VCM = 0V
IIN
Receiver Input Current
125
µA
VIN = +12V
-100
µA
VIN = -7V
RTERM
Termination Resistance
100
120
155
Ω
TERM = VCC, Figure 5
-7V
≤ VCM ≤ +12V
RTERM
Termination Resistance
100
120
140
Ω
TERM = VCC, Figure 5
VCM = 0V
DIFFERENTIAL DRIVER OUTPUTS (RS-485 / RS-422)
VOD
Differential Driver Output
2
VCC
V
RL = 100Ω (RS-422), Figure 6
1.5
VCC
V
RL = 54Ω (RS-485), Figure 6
1.5
VCC
V
VCM = -7V, Figure 7
1.5
VCC
V
VCM = +12V, Figure 7
∆VOD
Change In Magnitude of
Differential Output Voltage
-0.2
+0.2
V
RL = 54Ω or 100Ω, Figure 6
VCM
Driver CommonMode Output Voltage
3
V
RL = 54Ω or 100Ω, Figure 6
∆VCM
Change In Magnitude of
Common Mode Output Voltage
0.2
V
RL = 54Ω or 100Ω, Figure 6
IOSD
Driver Output Short Circuit Current
±250
mA
-7V
≤ VO ≤ +12V, Figure 8
IO
Driver Output Leakage Current
±100
µA
DIR1 = 0V in Mode 11,
or ENABLE = 0V,
-7V
≤ VO ≤ +12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com