Electronic Components Datasheet Search
  English  ▼

X  

BF987 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BF987
Description  SILICON N CHANNEL MOSFET TRIODE (For high-frequency stages up to 300 MHz, preferably in FM applications High overload capability)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF987 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BF987 Datasheet HTML 1Page - Siemens Semiconductor Group BF987 Datasheet HTML 2Page - Siemens Semiconductor Group BF987 Datasheet HTML 3Page - Siemens Semiconductor Group BF987 Datasheet HTML 4Page - Siemens Semiconductor Group BF987 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Gate forward transfer admittance y21s
VDS = 10 V, VG = 0, IDSS = 10 mA
(common source)
Output admittance y22s
VDS = 10 V, IDSS = 10 mA, VG = 0
(common source)
BF 987
Test circuit for power gain and noise figure
f = 200 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com