Electronic Components Datasheet Search
  English  ▼

X  

BF987 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BF987
Description  SILICON N CHANNEL MOSFET TRIODE (For high-frequency stages up to 300 MHz, preferably in FM applications High overload capability)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF987 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BF987 Datasheet HTML 1Page - Siemens Semiconductor Group BF987 Datasheet HTML 2Page - Siemens Semiconductor Group BF987 Datasheet HTML 3Page - Siemens Semiconductor Group BF987 Datasheet HTML 4Page - Siemens Semiconductor Group BF987 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicon N Channel MOSFET Triode
BF 987
q
For high-frequency stages up to 300 MHz,
preferably in FM applications
q
High overload capability
Maximum Ratings
Type
Marking
Package1)
Pin Configuration
BF 987
Q62702-F35
–
TO-92
1
2
3
D
S
G
Ordering Code
Parameter
Symbol
Values
Unit
Drain-source voltage
VDS
20
V
Thermal Resistance
Junction - ambient
Rth JA
≤ 350
K/W
Total power dissipation, TA
≤ 45 ˚C
Ptot
300
mW
Storage temperature range
Tstg
– 55 … + 150
˚C
Gate-source peak current
± IGSM
10
Channel temperature
Tch
150
mA
Drain current
ID
30
1)
For detailed information see chapter Package Outlines.


Similar Part No. - BF987

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF980 ETC1-BF980 Datasheet
153Kb / 3P
Silicon N-channel dual gate MOSFET
BF980A ETC2-BF980A Datasheet
241Kb / 6P
SILICON N-CHANNEL DUAL GATE MOS-FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Bolymin, Inc
BF9864A BOLYMIN-BF9864A Datasheet
160Kb / 1P
FSTN Transflective LCD, COF package Built-in driver PCF8548, serial I2C data bus
More results

Similar Description - BF987

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF2030W SIEMENS-BF2030W Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF543 SIEMENS-BF543 Datasheet
97Kb / 5P
Silicon N Channel MOS FET Triode (For RF stages up to 300 MHz preferably in FM applications)
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
BF995 SIEMENS-BF995 Datasheet
175Kb / 10P
Silicon N Channel MOSFET Tetrode (For input and mixer stages in FM and VHF TV tuners)
BF999 SIEMENS-BF999 Datasheet
116Kb / 5P
Silicon N Channel MOSFET Triode (For high-frequency stages up to 300 MHz, preferably in FM applications)
logo
Infineon Technologies A...
BF543 INFINEON-BF543 Datasheet
50Kb / 5P
Silicon N-Channel MOSFET Triode
Jun-28-2001
BF999 INFINEON-BF999 Datasheet
133Kb / 5P
Silicon N-Channel MOSFET Triode
Nov-08-2002
BF999 INFINEON-BF999_07 Datasheet
62Kb / 6P
Silicon N-Channel MOSFET Triode
2007-04-20
logo
Ohmite Mfg. Co.
RWS OHMITE-RWS Datasheet
307Kb / 2P
High overload capability for surge and pulse applications
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
High overload capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com