Electronic Components Datasheet Search
  English  ▼

X  

SP6002 Datasheet(PDF) 4 Page - Littelfuse

Part # SP6002
Description  SP6002 Series 15pF 30kV EMI Filter Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP6002 Datasheet(HTML) 4 Page - Littelfuse

  SP6002 Datasheet HTML 1Page - Littelfuse SP6002 Datasheet HTML 2Page - Littelfuse SP6002 Datasheet HTML 3Page - Littelfuse SP6002 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
144
TVS Diode Arrays (SPA™Family of Products)
Revision: June 27, 2011
SP6002 Series
ESD and EMI Filter Devices - SP6002 Series
Package Dimensions — UDFN-08
UDFN-08
Millimeters
Inches
Min
Max
Min
Max
A
0.45
0.55
0.018
0.022
A1
0.00
0.05
0.000
0.002
A3
0.127 REF
0.005 REF
b
0.15
0.25
0.006
0.010
D
1.60
1.80
0.063
0.071
D2
1.10
1.30
0.043
0.051
E
1.25
1.45
0.049
0.057
E2
0.30
0.50
0.012
0.020
e
0.400 BSC
0.016 BSC
K
0.20
0.008
0.000
L
0.15
0.35
0.006
0.014
D
D2
b
e
Package Dimensions — UDFN-12
UDFN-12
Millimeters
Inches
Min
Max
Min
Max
A
0.45
0.55
0.018
0.022
A1
0.00
0.05
0.000 0.002
A3
0.127 REF
0.005 REF
b
0.15
0.25
0.006
0.010
D
2.40
2.60
0.094
0.102
D2
1.90
2.10
0.075
0.083
E
1.25
1.45
0.049
0.057
E2
0.30
0.50
0.012
0.020
e
0.400 BSC
0.016 BSC
K
0.20
0.008 0.000
L
0.15
0.35
0.006
0.014
D
D2
b
e
Embossed Carrier Tape & Reel Specification – UDFN-08
P2
t
AO
P
D1
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.45
3.55
0.136
0.140
D1
1.00
-
0.040
-
D
1.50 min
0.059 min
P
3.90
4.10
0.154
0.161
10P
40.0 +/- 0.20
1.575 +/- 0.008
W
7.70
8.30
0.303
0.327
P2
1.95
2.05
0.077
0.081
A0
1.55
1.75
0.061
0.069
B0
1.90
2.1
0.075
0.083
K0
0.95
1.15
0.037
0.045
t
0.30 max
0.012 max
Embossed Carrier Tape & Reel Specification – UDFN-12
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.45
3.55
0.136
0.140
D1
0.55
0.65
0.021
0.025
D
1.50 min
0.059 min
P
3.90
4.10
0.154
0.161
10P
40.0 +/- 0.20
1.575 +/- 0.008
W
7.90
8.30
0.311
0.327
P2
1.95
2.05
0.077
0.081
A0
1.33
1.53
0.052
0.060
B0
2.63
2.83
0.103
0.111
K0
0.58
0.78
0.023
0.031
t
0.22 max
0.009 max
P2
t
oD
/
oD
/
P
A0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com