Electronic Components Datasheet Search
  English  ▼

X  

SP6002 Datasheet(PDF) 1 Page - Littelfuse

Part # SP6002
Description  SP6002 Series 15pF 30kV EMI Filter Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP6002 Datasheet(HTML) 1 Page - Littelfuse

  SP6002 Datasheet HTML 1Page - Littelfuse SP6002 Datasheet HTML 2Page - Littelfuse SP6002 Datasheet HTML 3Page - Littelfuse SP6002 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
141
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: June 27, 2011
SP6002 Series
ESD and EMI Filter Devices - SP6002 Series
Description
Applications
The Littelfuse SP6002 SPA series integrates 4 and 6 EMI
filters (C-R-C) into a small, low-profile UDFN package with
each filter providing greater than -30dB attenuation at
1GHz. Additionally, each I/O is capable of shunting ±30kV
ESD strikes (IEC61000-4-2, contact discharge) away from
sensitive electronic components. The performance of this
small, slim design makes it extremely suitable for mobile
handsets, PDAs and notebook computers.
Features
•EMIfilteringof
frequencies from
800MHz to 3GHz
•Greaterthan-30dB
attenuation (TYP) at 1GHz
•ESD,IEC61000-4-2,
±30kV contact, ±30kV air
•Small,low-profileUDFN
package (TYP 0.5mm
height)
•Keypadinterfacefor
portable electronics
•LCDandcameradisplay
interfaces for handsets
•Connectorinterfacesfor
portable electronics
•Mobilephone
•Smartphone
•Portablenavigation
device
Pinout
5
8
1
4
1
6
7
12
GND
GND
SP6002-04UTG-1
SP6002-06UTG-1
UDFN-08
UDFN-12
Functional Block Diagram
Cd Cd
18
Cd Cd
27
Cd Cd
36
Cd Cd
45
Cd Cd
1
12
Cd Cd
2
11
Cd Cd
3
10
Cd Cd
4
9
Cd Cd
5
8
Cd Cd
67
SP6002-04UTG-1
SP6002-06UTG-1
RoHS
Pb GREEN
Application Example
Dx: SP6003-04 Silicon Protection Array
Signal
Ground
SP6002-04UTG (µDFN)
LCD Module
Controller
D1
D2
D3
D4
Input
5
8
1
4
SP6002 Series 15pF 30kV EMI Filter Array


Similar Part No. - SP6002

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6002 SYNC-POWER-SP6002 Datasheet
185Kb / 7P
Synchronous Rectifier Driver
logo
Littelfuse
SP6002-04UTG-1 LITTELFUSE-SP6002-04UTG-1 Datasheet
440Kb / 7P
SP6002 Lead-Free/Green Series
SP6002-06UTG-1 LITTELFUSE-SP6002-06UTG-1 Datasheet
440Kb / 7P
SP6002 Lead-Free/Green Series
SP6002-0xUTG-1 LITTELFUSE-SP6002-0xUTG-1 Datasheet
110Kb / 1P
LCD and camera interfaces in mobile devices are vulnerable to EMI from the cellular band
logo
SYNC POWER Crop.
SP6002S8RG SYNC-POWER-SP6002S8RG Datasheet
185Kb / 7P
Synchronous Rectifier Driver
More results

Similar Description - SP6002

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
EMI FILTER/TVS ARRAY
logo
Littelfuse
SP1326 LITTELFUSE-SP1326 Datasheet
822Kb / 5P
SP1326 15pF 30kV Bidirectional Discrete TVS
logo
TECH PUBLIC Electronics...
ESD5V0B15H-1006 TECHPUBLIC-ESD5V0B15H-1006 Datasheet
1Mb / 4P
15pf 1-Line TVS Diode Array
logo
Littelfuse
AQ3102 LITTELFUSE-AQ3102 Datasheet
1Mb / 6P
AQ3102 Series, 1pF, ±30kV Diode Array
2020 Littelfuse, Inc.
SP6150 LITTELFUSE-SP6150 Datasheet
734Kb / 5P
Series 100pF 30kV EMI Filter Array
2020 Littelfuse, Inc.
SP3400 LITTELFUSE-SP3400 Datasheet
717Kb / 5P
1pF, ±30kV Diode Array
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com