Electronic Components Datasheet Search
  English  ▼

X  

2CL71B Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # 2CL71B
Description  Plastic Fast Recover High Voltage Rectifier Reverse Voltage 8KV Forward Current 5mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

2CL71B Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  2CL71B Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 2CL71B Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL71B
特征
Features
·超小型
Supersmall size
·高可靠性
High reliability
·高速开关
High speed switching
用途
Purpose
·彩色电视机高压主电源整流用
Rectification for high voltage power supply of color T.V.
·CRT显示器高压电源整流用
Rectification for high voltage power supply of CRT display
·其它高压电源整流用
Others
塑封快恢复高压二极管
反向电压
8KV
正向电流
5mA
Plastic Fast Recover High Voltage Rectifier
Reverse Voltage 8KV
Forward Current 5mA
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
-40 --- +120
-40 --- +100
120
反向重复峰值电压
Repetitive Peak Reverse Voltage
正向平均电流
Average Forward Current
正向(不重复)浪涌电流
Non-Repetitive Forward Surge Current
有效结温
Virtual Junction Temperature
贮存温度
Storage Temperature
工作环境温度
Ambient Temperature
KV
mA
A
℃
℃
VRRM
IF(AV)
IFSM
TJ
Tstg
符号
Symbol
单位
Unit
2CL71B
8
5
参数名称
Item
0.5
Tamb
℃
25
IF =10mA
正向压降
反向恢复时间
V
μA
nS
IRM1
trr
Forward Voltage Drop
Reverse Recovery Time
符号
Symbol
单位
Unit
VF
100
参数名称
Item
2CL71B
·空气净化器用
Air Clean Car
Unit:mm
MIN
MIN
26
4.8±0.1
26
2.0±0.1
0.5±0.03
2
5
常温反向漏电流
高温反向漏电流
Normal Temperature Reverse Current
High Temperature Reverse Current
IRM2
TA=100℃ VR=VRRM
VR=VRRM
μA
IF =2mA,Irp=4mA
1mA recovery
SIYU R
大昌电子
DACHANG ELECTRONICS
(正弦半波50HZ,电阻负载Ta=25℃)
(50HZ half-sine wave,Resistance load Ta=25℃)
(正弦半波50HZ,1/2周期,Ta=25℃)
(50HZ half-sine wave,1/2 cycle, Ta = 25 ℃)
s
t
c
u
d
o
r
p
g
n
i
d
n
o
p
s
e
r
r
o
c
S
H
o
R
品
产
应
对
S
H
o
R
·


Similar Part No. - 2CL71B

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL71 EDI-2CL71 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL71 GETEDZ-2CL71 Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
logo
Anshan Suly Electronics
2CL71 ANSHAN-2CL71 Datasheet
347Kb / 2P
High voltage rectifier diodes 2CL71 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
logo
SUNMATE electronic Co.,...
2CL71 SUNMATE-2CL71 Datasheet
204Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
American Microsemicondu...
2CL71 AMMSEMI-2CL71 Datasheet
558Kb / 4P
High Voltage Diodes
More results

Similar Description - 2CL71B

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
2CL03 DACHANG-2CL03 Datasheet
118Kb / 5P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 3KV Forward Current 5mA
2CL03S DACHANG-2CL03S Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 3KV Forward Current 5mA
2CL04 DACHANG-2CL04 Datasheet
115Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 4KV Forward Current 5mA
2CL71A DACHANG-2CL71A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 8KV Forward Current 5mA
2CL72A DACHANG-2CL72A Datasheet
118Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 10KV Forward Current 5mA
2CL72B DACHANG-2CL72B Datasheet
118Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 10KV Forward Current 5mA
2CL73A DACHANG-2CL73A Datasheet
118Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 12KV Forward Current 5mA
FR151G DACHANG-FR151G Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR201 DACHANG-FR201 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A
RG1C DACHANG-RG1C Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 1000V Forward Current 0.7A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com