Electronic Components Datasheet Search
  English  ▼

X  

2CL71B Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # 2CL71B
Description  Plastic Fast Recover High Voltage Rectifier Reverse Voltage 8KV Forward Current 5mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

2CL71B Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  2CL71B Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 2CL71B Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2CL71B
Characteristic Curves
特性曲线
SIYU R
大昌电子
DACHANG ELECTRONICS
反向电压特性分布
RECERSE VOLTAGE CHARACTENRISTIC DISTRIBUTION
812
16
20
10
20
30
40
50
60
70
80
90
100
反向电压 VZ(KV)
VZ,Reverse voltage(KV)
Tj=25
°C
Iz=25uA
N=100pcs
80
0
40
120
160
200
240
20
40
60
80
100 120
140
0
环境温度 Ta(
°C)
Tamb, ambient temperature (°C)
REVERSE RECVERY TIME CHARACTENRISTIC[Ta-Trr]
反向恢复时间特性
03
69
12
15
0
2
4
6
10
Ta = 25 °C
12
8
18
Ta = 100 °C
0.05
0.1
0.5
1
Tj = 25°C
正向特性曲线
正向电压
VF(V)
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
REVERSE CHARACTERISTIC [VR-IR]
反向特性曲线
反向重复峰值电压
VR(KV)
Repetitive Peak Reverse Voltage (KV)
9.0
11.0
13.0
7.0
8.0
10.0
12.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com