Electronic Components Datasheet Search
  English  ▼

X  

BFP22 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFP22
Description  NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP22 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFP22 Datasheet HTML 1Page - Siemens Semiconductor Group BFP22 Datasheet HTML 2Page - Siemens Semiconductor Group BFP22 Datasheet HTML 3Page - Siemens Semiconductor Group BFP22 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Silicon Transistors
BFP 22
with High Reverse Voltage
BFP 25
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BFP 22
BFP 25
Q62702-F621
Q62702-F721
–
TO-92
1
2
3
E
B
C
1)
For detailed information see chapter Package Outlines.
2)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.
Parameter
Symbol
BFP 22
Unit
Collector-emitter voltage
VCE0
200
V
Collector-base voltage
VCB0
200
Emitter-base voltage
VEB0
Collector current
IC
mA
Base current
IB
Total power dissipation, TC = 66 ˚C
Ptot
mW
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient
Rth JA
≤ 200
K/W
Peak collector current
ICM
Peak base current
IBM
BFP 25
300
300
200
100
625
150
500
200
Values
6
Junction - case2)
Rth JC
≤ 135
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Low capacitance
q
Complementary types: BFP 23, BFP 26 (PNP)
1
2
3


Similar Part No. - BFP22

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP26 SIEMENS-BFP26 Datasheet
194Kb / 4P
PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
logo
Vishay Siliconix
BFP280T VISHAY-BFP280T Datasheet
93Kb / 6P
Silicon NPN Planar RF Transistor
20-Jan-99
BFP280TRW VISHAY-BFP280TRW Datasheet
93Kb / 6P
Silicon NPN Planar RF Transistor
20-Jan-99
More results

Similar Description - BFP22

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BCX41 SIEMENS-BCX41 Datasheet
140Kb / 4P
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com