Electronic Components Datasheet Search
  English  ▼

X  

BFP405 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BFP405
Description  NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP405 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BFP405 Datasheet HTML 1Page - Siemens Semiconductor Group BFP405 Datasheet HTML 2Page - Siemens Semiconductor Group BFP405 Datasheet HTML 3Page - Siemens Semiconductor Group BFP405 Datasheet HTML 4Page - Siemens Semiconductor Group BFP405 Datasheet HTML 5Page - Siemens Semiconductor Group BFP405 Datasheet HTML 6Page - Siemens Semiconductor Group BFP405 Datasheet HTML 7Page - Siemens Semiconductor Group BFP405 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BFP 405
Semiconductor Group
Sep-09-1998
8
Noise figure
F = f (IC)
VCE = 2 V, f = 1.8 GHz
0
2
4
6
8
mA
12
IC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
dB
4.0
ZS = 50 Ohm
ZS = ZSopt
Noise figure
F = f (IC)
VCE = 2 V, ZS = ZSopt
0
2
4
6
8
mA
12
IC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
dB
4.0
f = 6 GHz
f = 5 GHz
f = 4 GHz
f = 3 GHz
f = 2.4 GHz
f = 1.8 GHz
f = 0.9 GHz
Noise figure
F = f ( f )
VCE = 2 V, ZS = ZSopt
0.0
1.0
2.0
3.0
4.0
GHz
6.0
f
0.0
0.5
1.0
1.5
2.0
dB
3.0
IC = 5 mA
IC = 2 mA
Source impedance for min.
Noise Figure versus Frequency
VCE = 2V, IC = 2mA / 5 mA
100
+j10
-j10
50
+j25
-j25
25
+j50
-j50
10
+j100
-j100
0
0.9GHz
1.8GHz
3GHz
4GHz
5GHz
6GHz
2mA
5mA
Semiconductor Group
8
1998-11-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com