Electronic Components Datasheet Search
  English  ▼

X  

BFP405 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFP405
Description  NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP405 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFP405 Datasheet HTML 1Page - Siemens Semiconductor Group BFP405 Datasheet HTML 2Page - Siemens Semiconductor Group BFP405 Datasheet HTML 3Page - Siemens Semiconductor Group BFP405 Datasheet HTML 4Page - Siemens Semiconductor Group BFP405 Datasheet HTML 5Page - Siemens Semiconductor Group BFP405 Datasheet HTML 6Page - Siemens Semiconductor Group BFP405 Datasheet HTML 7Page - Siemens Semiconductor Group BFP405 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BFP 405
Semiconductor Group
Sep-09-1998
4
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
0.21024
fA
VAF =
39.251
V
NE =
1.7763
-
VAR =
34.368
V
NC =
1.3152
-
RBM =
1.3491
Ω
CJE =
3.7265
fF
TF =
4.5899
ps
ITF =
1.3364
mA
VJC =
0.99532
V
TR =
1.4935
ns
MJS =
0-
XTI =
3
-
NF =
1.0405
-
ISE =
15.761
fA
NR =
0.96647
-
ISC =
0.037223
fA
IRB =
0.21215
mA
RC =
0.12691
Ω
MJE =
0.37747
-
VTF =
0.19762
V
CJC =
96.941
fF
XCJC =
0.08161
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
BF =
83.23
-
IKF =
0.16493
A
BR =
10.526
-
IKR =
0.25052
A
RB =
15
Ω
RE =
1.9289
VJE =
0.70367
V
XTF =
0.3641
-
PTF =
0
deg
MJC =
0.48652
-
CJS =
0fF
XTB =
0-
FC =
0.99469
-
C’-E’-Diode Data (Berkley-SPICE 2G.6 Syntax) :
IS =
2
fA
N =
1.02
-
RS =
20
Ω
All parameters are ready to use, no scalling is necessary
Package Equivalent Circuit:
LBI =
0.47
nH
LBO =
0.53
nH
LEI =
0.23
nH
LEO =
0.05
nH
LCI =
0.56
nH
LCO =
0.58
nH
CBE =
136
fF
CCB =
6.9
fF
CCE =
134
fF
EHA07389
L
BI
BE
C
BO
L
C
EI
L
L
EO
CB
C
CI
L
CO
L
CE
C
Transistor
C’-E’-
B
Diode
E
E’
C’
B’
Chip
Valid up to 6GHz
The SOT-343 package has two emitter leads. To avoid high complexity of the package equivalent circuit,
both leads are combined in one electrical connection.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitentechnik (IMST)
© 1996 SIEMENS AG
For examples and ready to use parameters please contact your local Siemens distributor or salesoffice to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm
Semiconductor Group
4
1998-11-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com