Electronic Components Datasheet Search
  English  ▼

X  

EMF5 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # EMF5
Description  General purpose transistors (dual transistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

EMF5 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  EMF5 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. EMF5 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMF5
General purpose transistors (dual transistors)
FEATURES
2SA2018 and DTC144E are housed independently in a package.
Mounting possible with SOT-563 automatic mounting machines.
Transistor elements are independent, eliminating interference.
Mounting cost and area be cut in half.
Marking: F5
Equivalent circuit
Tr1 Absolute maximum ratings (Ta=25
℃)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-15
V
VCEO
Collector-Emitter Voltage
-12
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current
-500
mA
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA, IE=0
-15
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-12
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA, IC=0
-6
V
Collector cut-off current
ICBO
VCB=-15V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-0.1
μA
DC current gain
hFE
VCE=-2V, IC=-10mA
270
680
Collector-emitter saturation voltage
VCE(sat)
IC=-200mA, IB=-10mA
-0.25
V
Transition frequency
fT
VCE=-2V, IE=-10mA, f=100MHz
260
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
6.5
pF
SOT-563
1
R1
R2
DTr2
Tr1
(1)
(2)
(3)
(4)
(5)
(6)
www.htsemi.com
semiconductor
JinYu
1
Date:2011/ 05


Similar Part No. - EMF5

ManufacturerPart #DatasheetDescription
logo
Rohm
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
89Kb / 5P
Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
72Kb / 5P
Power management (dual transistors)
logo
Jiangsu Changjiang Elec...
EMF5 JIANGSU-EMF5 Datasheet
798Kb / 4P
Dual Transistors (PNPNPN)
logo
Excelliance MOS Corp.
EMF50A02VA EXCELLIANCE-EMF50A02VA Datasheet
201Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMF5

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com