Electronic Components Datasheet Search
  English  ▼

X  

EMF5 Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # EMF5
Description  General purpose transistors (dual transistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

EMF5 Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  EMF5 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. EMF5 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tr2 Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-10~+40
V
IO
30
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55~150
℃
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.5
VCC=5V, IO=100μA
Input voltage
VI(on)
3.0
V
VO=0.3V, IO=2mA
Output voltage
VO(on)
0.1
0.3
V
IO/II=10mA/0.5mA
Input current
II
0.18
mA
VI=5V
Output current
IO(off)
0.5
μA
VCC=50V, VI=0
DC current gain
GI
68
VO=5V, IO=5mA
Input resistance
R1
32.9
47
61.1
KΩ
-
Resistance ratio
R2/R1
0.8
1
1.2
-
Transition frequency
fT
250
MHz
VCE=10V, IE=-5mA, f=100MHz
EMF5
www.htsemi.com
semiconductor
JinYu
2
Date:2011/ 05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com