Electronic Components Datasheet Search
  English  ▼

X  

FDN338P Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # FDN338P
Description  20 V P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

FDN338P Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  FDN338P Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-23(PACKAGE)
VDS= -20V
RDS(ON), Vgs@-4.5V, Ids@-1.6A=
Ω
Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
Package Dimensions
S
G
D
Maximum Ratings and Thermal Characteristics (TA = 25oC unless otherwise noted)
115m
Ω
155m
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
-1.6
Pulsed Drain Current
1)
IDM
-5
A
Maximum Power Dissipation
PD
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
oC
Junction-to-Ambient Thermal Resistance (PCB mounted)
3)
166
oC/W
0.5
2)
Junction-to-Ambient Thermal Resistance (PCB mounted)
2)
100
R
RthJA
Notes
Pulse width limited by maximum junction temperature.
Surface Mounted on FR4 Board, t v 5 sec.
Surface Mounted on FR4 Board.
1)
3)
2)
RDS(ON), Vgs@-2.5V, Ids@-1.3A=
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90
REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0°
10°
Millimeter
20V P-Channel Enhancement Mode MOSFET
FDN338P
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - FDN338P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN338P FAIRCHILD-FDN338P Datasheet
85Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
TECH PUBLIC Electronics...
FDN338P TECHPUBLIC-FDN338P Datasheet
1Mb / 3P
P-Channel 20-V(D-S) MOSFET
logo
Guangdong Youtai Semico...
FDN338P UMW-FDN338P Datasheet
601Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
logo
EVER SEMICONDUCTOR CO.,...
FDN338P EVVOSEMI-FDN338P Datasheet
572Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
Rev:2023A2
logo
VBsemi Electronics Co.,...
FDN338P-NL VBSEMI-FDN338P-NL Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - FDN338P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
FDN335N HTSEMI-FDN335N Datasheet
1Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
PT4435 HTSEMI-PT4435 Datasheet
2Mb / 3P
30 V P-Channel Enhancement Mode MOSFET
PT8205 HTSEMI-PT8205 Datasheet
2Mb / 3P
20 V Dual N-Channel Enhancement Mode MOSFET
PT8205A HTSEMI-PT8205A Datasheet
2Mb / 3P
20 V Dual N-Channel Enhancement Mode MOSFET
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
SI2312 HTSEMI-SI2312 Datasheet
1Mb / 3P
20 V N-Channel Enhancement Mode MOSFET
XP151A13COMR HTSEMI-XP151A13COMR Datasheet
2Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
IRFR5305TR UMW-IRFR5305TR Datasheet
1Mb / 7P
-60 V P - Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com