Electronic Components Datasheet Search
  English  ▼

X  

FDN338P Datasheet(PDF) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # FDN338P
Description  20 V P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

FDN338P Datasheet(HTML) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  FDN338P Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN338P Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.01
0.10
1.00
10.00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
-50
0
50
100
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
02468
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
30
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
TJ - Temperature (_C)
Time (sec)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
ID = 2.8 A
ID = 250 mA
10
1
10
TC = 25_C
Single Pulse
14
12
8
4
0
TJ = 25_C
TJ = 150_C
2
6
10
20V P-Channel Enhancement Mode MOSFET
4
Date:2011/05
www.htsemi.com
semiconductor
JinYu
FDN338P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com