Electronic Components Datasheet Search
  English  ▼

X  

9DB423BGLF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9DB423BGLF
Description  Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB423BGLF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9DB423BGLF Datasheet HTML 4Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 5Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 6Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 7Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 8Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 9Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 10Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 11Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
1437B - 02/04/10
9DB423B
Four Output Differential Buffer for PCIe for Gen 1, Gen 2 and QPI
8
Clock Periods Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
DIF 100
9.949
9.999
10.024
10.025
10.026
10.051
10.101
ns
1,2,3
DIF 133
7.449
7.499
7.518
7.519
7.520
7.538
7.588
ns
1,2,4
DIF 166
5.949
5.999
6.014
6.015
6.016
6.031
6.081
ns
1,2,5
DIF 200
4.950
5.000
5.012
5.013
5.013
5.026
5.076
ns
1,2,5
DIF 266
3.700
3.750
3.759
3.759
3.760
3.769
3.819
ns
1,2,5
DIF 333
2.950
3.000
3.007
3.008
3.008
3.015
3.065
ns
1,2,5
DIF 400
2.450
2.500
2.506
2.506
2.507
2.513
2.563
ns
1,2,5
Clock Periods Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
DIF 100
9.949
9.999
10.000
10.001
10.051
ns
1,2,3
DIF 133
7.449
7.499
7.500
7.501
7.551
ns
1,2,4
DIF 166
5.949
5.999
6.000
6.001
6.051
ns
1,2,5
DIF 200
4.950
5.000
5.000
5.001
5.051
ns
1,2,5
DIF 266
3.700
3.750
3.750
3.750
3.800
ns
1,2,5
DIF 333
2.950
3.000
3.000
3.000
3.050
ns
1,2,5
DIF 400
2.450
2.500
2.500
2.500
2.550
ns
1,2,5
1Guaranteed by design and characterization, not 100% tested in production.
3 Driven by SRC output of main clock, PCIe PLL Mode or Bypass mode
4 Driven by CPU output of main clock, QPI PLL Mode or Bypass mode
5 Driven by CPU output of CK410B+/CK420BQ/CK505 main clock, Bypass mode only
Measurement
Window
Symbol
2 All Long Term Accuracy specifications are guaranteed with the assumption that the input clock complies with CK410B+ accuracy
requirements. The 9DB423/823 itself does not contribute to ppm error.
Notes
Notes
Definition
Measurement
Window
Units
Symbol
Definition
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com