Electronic Components Datasheet Search
  English  ▼

X  

9FG430AFILF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9FG430AFILF
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG430AFILF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9FG430AFILF Datasheet HTML 5Page - Integrated Device Technology 9FG430AFILF Datasheet HTML 6Page - Integrated Device Technology 9FG430AFILF Datasheet HTML 7Page - Integrated Device Technology 9FG430AFILF Datasheet HTML 8Page - Integrated Device Technology 9FG430AFILF Datasheet HTML 9Page - Integrated Device Technology 9FG430AFILF Datasheet HTML 10Page - Integrated Device Technology 9FG430AFILF Datasheet HTML 11Page - Integrated Device Technology 9FG430AFILF Datasheet HTML 12Page - Integrated Device Technology 9FG430AFILF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IDT® Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681C—08/26/10
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9
Differential Clock Tolerances x1 = 25MHz
Clock Periods - Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-
Term
Average
Max
+c2c
jitter
AbsPer
Max
0
100.00
9.95000
10.00000
10.00000
10.00000
10.05000
ns
1,2
0
125.00
7.95000
8.00000
8.00000
8.00000
8.05000
ns
1,2
0
133.33
7.45000
7.50000
7.50000
7.50000
7.55000
ns
1,2
10
166.67
5.94994
5.99994
6.00000
6.00006
6.05006
ns
1,2
0
200.00
4.95000
5.00000
5.00000
5.00000
5.05000
ns
1,2
6
266.67
3.69998
3.74998
3.75000
3.75002
3.80002
ns
1,2
10
333.33
2.94997
2.99997
3.00000
3.00003
3.05003
ns
1,2
0
400.00
2.45000
2.50000
2.50000
2.50000
2.55000
ns
1,2
Clock Periods - Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-
Term
Average
Max
+c2c
jitter
AbsPer
Max
96
99.75
9.94906
9.99906
10.02406
10.02506
10.02603
10.05103 10.10103
ns
1,2
19
124.69
7.94925
7.99925
8.01925
8.02005
8.02020
8.04020
8.09020
ns
1,2
96
133.00
7.44930
7.49930
7.51805
7.51880
7.51952
7.53827
7.58827
ns
1,2
10
166.25
5.94943
5.99943
6.01443
6.01504
6.01510
6.03010
6.08010
ns
1,2
96
199.50
4.94953
4.99953
5.01203
5.01253
5.01301
5.02551
5.07551
ns
1,2
-98
266.00
3.69965
3.74965
3.75902
3.75940
3.75903
3.76841
3.81841
ns
1,2
10
332.50
2.94972
2.99972
3.00722
3.00752
3.00755
3.01505
3.06505
ns
1,2
96
399.00
2.44977
2.49977
2.50602
2.50627
2.50651
2.51276
2.56276
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
SSC OFF
or SSC +/-
0.25%
Center
Spread
Synthesis
Error
(ppm)
2 All ppm specifications are guaranteed with the assumption that the REF output is tuned to the exact target XTAL frequency.
Synthesis
Error
(ppm)
DIF
DIF
Measurement Window
Units
SSC ON
-0.5%
Down
Spread
Center
Freq.
MHz
Center
Freq.
MHz
Notes
Notes
Measurement Window
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com