Electronic Components Datasheet Search
  English  ▼

X  

ICS8624I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8624I
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8624I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8624I Datasheet HTML 2Page - Integrated Device Technology ICS8624I Datasheet HTML 3Page - Integrated Device Technology ICS8624I Datasheet HTML 4Page - Integrated Device Technology ICS8624I Datasheet HTML 5Page - Integrated Device Technology ICS8624I Datasheet HTML 6Page - Integrated Device Technology ICS8624I Datasheet HTML 7Page - Integrated Device Technology ICS8624I Datasheet HTML 8Page - Integrated Device Technology ICS8624I Datasheet HTML 9Page - Integrated Device Technology ICS8624I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ICS8624I
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
8624BYI
www.idt.com
REV. C JULY 30, 2010
6
PARAMETER MEASUREMENT INFORMATION
CYCLE-TO-CYCLE JITTER
PHASE JITTER AND STATIC PHASE OFFSET
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
tsk(o)
nQx
nQ
nQy
Qy
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
HSTL
Qx
nQx
V
CMR
Cross Points
V
PP
GND
CLK0,
CLK1
nCLK0,
nCLK1
V
DD
nQx
Qx
nCLK0,
nCLK1
CLK0,
CLK1
nQ0:nQ4
Q0:Q4
t
PD
VDD,
VDDA
GND = 0V
3.3V±5%
or 10%
VDDO
1.8V±0.2V
OUTPUT PULSE WIDTH/PERIOD
Pulse Width
t PERIOD
V
DDO
2
V
DDO
2
V
DDO
2
nQ0:nQ4
Q0:Q4
PROPAGATION DELAY
➤
➤
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
(where
t (Ø) is any random sample, and t(Ø) mean is the average
of the sampled cycles measured on controlled edges)
t(Ø) mean = Static Phase Offset
➤t(Ø)
V
OH
V
OL
V
OH
V
OL
nCLK0,
nCLK1
nFB_IN
FB_IN
tjit(Ø) = t(Ø) — t(Ø) mean = Phase Jitter
CLK0,
CLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com