Electronic Components Datasheet Search
  English  ▼

X  

831721AGILFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 831721AGILFT
Description  Differential Clock/Data Multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831721AGILFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 831721AGILFT Datasheet HTML 3Page - Integrated Device Technology 831721AGILFT Datasheet HTML 4Page - Integrated Device Technology 831721AGILFT Datasheet HTML 5Page - Integrated Device Technology 831721AGILFT Datasheet HTML 6Page - Integrated Device Technology 831721AGILFT Datasheet HTML 7Page - Integrated Device Technology 831721AGILFT Datasheet HTML 8Page - Integrated Device Technology 831721AGILFT Datasheet HTML 9Page - Integrated Device Technology 831721AGILFT Datasheet HTML 10Page - Integrated Device Technology 831721AGILFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
ICS831721AGI REVISION A AUGUST 19, 2011
7
©2011 Integrated Device Technology, Inc.
Parameter Measurement Information
3.3V HCSL Output Load AC Test Circuit
Differential Input Level
Propagation Delay
3.3V HCSL Output Load AC Test Circuit
MUX_ISOLATION
Part-to-Part Skew
475
Ω
33
Ω
50
Ω
50
Ω
33
Ω
49.9
Ω
49.9
Ω
HCSL
GND
2pF
2pF
Qx
nQx
0V
IREF
VDD
3.3V±0.3V
V
CMR
Cross Points
V
PP
VDD
GND
nCLK[0:1]
CLK[0:1]
t
PD
nCLK[0:1]
CLK[0:1]
nQ
Q
475
Ω
50
Ω
50
Ω
HCSL
GND
0V
SCOPE
IREF
VDD
This load condition is used for IDD, tsk(pp), tsk(i), tPD and tjit
measurements.
3.3V±0.3V
A0
Spectrum of Output Signal Q
MUX_ISOL = A0 – A1
(fundamental)
Frequency
ƒ
MUX selects static input
MUX selects active
input clock signal
A1
t
sk(pp)
Par t 1
Par t 2
Qx
nQx
Qx
nQy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com