Electronic Components Datasheet Search
  English  ▼

X  

831721AGILFT Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 831721AGILFT
Description  Differential Clock/Data Multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831721AGILFT Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 831721AGILFT Datasheet HTML 9Page - Integrated Device Technology 831721AGILFT Datasheet HTML 10Page - Integrated Device Technology 831721AGILFT Datasheet HTML 11Page - Integrated Device Technology 831721AGILFT Datasheet HTML 12Page - Integrated Device Technology 831721AGILFT Datasheet HTML 13Page - Integrated Device Technology 831721AGILFT Datasheet HTML 14Page - Integrated Device Technology 831721AGILFT Datasheet HTML 15Page - Integrated Device Technology 831721AGILFT Datasheet HTML 16Page - Integrated Device Technology 831721AGILFT Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
ICS831721AGI REVISION A AUGUST 19, 2011
13
©2011 Integrated Device Technology, Inc.
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS831752I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS831752I is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 0.3V = 3.6V, which gives worst case results.
•
Power (core)MAX = VDD_MAX * IDD_MAX = 3.6V * 26mA = 93.6mW
•
Power (outputs)MAX = 46.8mW/Loaded Output Pair
Total Power_MAX (3.63V, with all outputs switching) = 93.6mW + 46.8mW = 140.4mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
θJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 100.3°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.140W * 100.3°C/W = 99°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6. Thermal Resistance
θJA for 16 Lead TSSOP, Forced Convection
θJA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
100.3°C/W
96.0°C/W
93.9°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com