Electronic Components Datasheet Search
  English  ▼

X  

ICS9E4101 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9E4101 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS9E4101 Datasheet HTML 10Page - Integrated Device Technology ICS9E4101 Datasheet HTML 11Page - Integrated Device Technology ICS9E4101 Datasheet HTML 12Page - Integrated Device Technology ICS9E4101 Datasheet HTML 13Page - Integrated Device Technology ICS9E4101 Datasheet HTML 14Page - Integrated Device Technology ICS9E4101 Datasheet HTML 15Page - Integrated Device Technology ICS9E4101 Datasheet HTML 16Page - Integrated Device Technology ICS9E4101 Datasheet HTML 17Page - Integrated Device Technology ICS9E4101 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
14
Electrical Characteristics - SRC 0.7V Current Mode Differential Pair
TA = -40 to 85°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2Ω, RP=49.9Ω, ΙREF = 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Current Source Output
Impedance
Zo
VO = Vx
3000
Ω
1
Voltage HighVHigh
660
850
1
Voltage Low
VLow
-150
150
1
Max Voltage
Vovs
1150
1
Min Voltage
Vuds
-300
1
Crossing Voltage (abs)
Vcross(abs)
250
350
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
12
140
mV
1
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm1,2
100.00MHz nominal
9.9970
10.0030
ns
2
100.00MHz spread
9.9970
10.0533
ns
2
Absolute min period
Tabsmin
100.00MHz nominal/spread
9.8720
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
700
ps
1
Rise Time Variation
d-tr
30
125
ps
1
Fall Time Variation
d-tf
30
125
ps
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
55
%
1
Skew
tsk3
SRC(7:0), VT = 50%
250
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from differential
wavefrom
125
ps
1
1Guaranteed by design, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFoutput is at 14.31818MHz
mV
Measurement on single ended
signal using absolute value.
mV
Average period
Tperiod
Statistical measurement on single
ended signal using oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com