Electronic Components Datasheet Search
  English  ▼

X  

ICS9E4101 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9E4101 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS9E4101 Datasheet HTML 11Page - Integrated Device Technology ICS9E4101 Datasheet HTML 12Page - Integrated Device Technology ICS9E4101 Datasheet HTML 13Page - Integrated Device Technology ICS9E4101 Datasheet HTML 14Page - Integrated Device Technology ICS9E4101 Datasheet HTML 15Page - Integrated Device Technology ICS9E4101 Datasheet HTML 16Page - Integrated Device Technology ICS9E4101 Datasheet HTML 17Page - Integrated Device Technology ICS9E4101 Datasheet HTML 18Page - Integrated Device Technology ICS9E4101 Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
16
Electrical Characteristics - DOT, 96MHz 0.7V Current Mode Differential Pair
TA = -40 to 85°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2
Ω, R
P=49.9
Ω, Ι
REF
= 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Current Source
Output Impedance
Zo
VO = Vx
3000
Ω
1
Voltage HighVHigh660
850
1
Voltage Low
VLow
-150
150
1
Max Voltage
Vovs
1150
1
Min VoltageVuds
-300
1
Crossing Voltage
(abs)
Vcross(abs)
250
550
mV
1
Crossing Voltage
(var)
d-Vcross
Variation of crossing over
all edges
140
mV
1
Long Accuracy
ppm
see Tperiod min-max
values
-100
100
ppm
1,2
Average period
Tperiod
96.00MHz nominal
10.4135
10.4198
ns
2
Absolute min period
Tabsmin
96.00MHz nominal
10.1635
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH =
0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL =
0.175V
175
700
ps
1
Rise Time Variation
d-tr
125
ps
1
Fall Time Variation
d-tf
125
ps
1
Duty Cycle
dt3
Measurement from
differential wavefrom
45
55
%
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from
differential wavefrom
250
ps
1
1Guaranteed by design, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFoutput is at 14.31818MHz
Measurement on single
ended signal using
mV
Statistical measurement
on single ended signal
mV
Electrical Characteristics - REF-14.318MHz
TA = -40 to 85°C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1
Clock period
Tperiod
14.318MHz output nominal
69.82700
69.85500
ns
1
Absolute Min/Max Clock
period
Tabs
Nominal
68.82033
70.86224
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
V OH @MIN = 1.0 V,
V OH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
29
27
mA
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
2
ns
1
Skew
tsk1
VT = 1.5 V
500
ps
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter
tjcyc-cyc
VT = 1.5 V
1000
ps
1
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com