Electronic Components Datasheet Search
  English  ▼

X  

ICS950812 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS950812 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS950812 Datasheet HTML 8Page - Integrated Device Technology ICS950812 Datasheet HTML 9Page - Integrated Device Technology ICS950812 Datasheet HTML 10Page - Integrated Device Technology ICS950812 Datasheet HTML 11Page - Integrated Device Technology ICS950812 Datasheet HTML 12Page - Integrated Device Technology ICS950812 Datasheet HTML 13Page - Integrated Device Technology ICS950812 Datasheet HTML 14Page - Integrated Device Technology ICS950812 Datasheet HTML 15Page - Integrated Device Technology ICS950812 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542J—01/25/10
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
12
Electrical Characteristics - 3V66 -Un-Buffered Mode: 3V66 [5:0]
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
65
Ω
Average Period
TPERIOD
Fig. 8
15.00
15.01
15.30
ns
Output High Voltage
VOH
1
IOH = -1 mA
2.05
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.65
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-28
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
26
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V (Fig. 7)
0.5
1.6
2.3
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V (Fig. 7)
0.5
1.2
2.3
ns
Duty Cycle
dt1
1
VT = 1.5 V (Fig. 8)
45
48
55
%
Skew
tsk1
1
VT = 1.5 V
40
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V (Fig. 8)
133
290
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
Fig. 8
48
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
48
70
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.05
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.5
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-29
-20
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
25
27
mA
48DOT Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V (Fig. 7)
0.5
0.7
1.15
ns
48DOT Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V (Fig. 7)
0.5
0.8
1.15
ns
VCH 48 USB Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V (Fig. 7)
11.2
2.3
ns
VCH 48 USB Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V (Fig. 7)
11.4
2.3
ns
48 DOT Duty Cycle
dt1
1
VT = 1.5 V (Fig. 8)
45
53
55
%
VCH 48 USB Duty Cycle
dt1
1
VT = 1.5 V (Fig. 8)
45
53
55
%
48 DOT Jitter
tjcyc-cyc
1
VT = 1.5 V (Fig. 8)
183
410
ps
USB to DOT Skew
tsk1
1
VT = 1.5 V (180 degrees out of phase)
0.43
1
ns
VCH Jitter
tjcyc-cyc
1
VT = 1.5 V (Fig. 8)
157
410
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com