Electronic Components Datasheet Search
  English  ▼

X  

ICS950812 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS950812 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS950812 Datasheet HTML 10Page - Integrated Device Technology ICS950812 Datasheet HTML 11Page - Integrated Device Technology ICS950812 Datasheet HTML 12Page - Integrated Device Technology ICS950812 Datasheet HTML 13Page - Integrated Device Technology ICS950812 Datasheet HTML 14Page - Integrated Device Technology ICS950812 Datasheet HTML 15Page - Integrated Device Technology ICS950812 Datasheet HTML 16Page - Integrated Device Technology ICS950812 Datasheet HTML 17Page - Integrated Device Technology ICS950812 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542J—01/25/10
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
14
0.000 V
T
PERIOD
High Duty Cycle %
Low Duty Cycle %
Figure 1 - Differential (CPUCLK - CPUCLK#) Measurement Points (Tperiod, Duty Cycle, Jitter)
+0.35V
CPUCLK#
0.0V
-0.35V
CPUCLK
T
RISE
T
FALL
Figure 1 - Differential (CPUCLK - CPUCLK#) Measurement Points (Tperiod, Duty Cycle, Jitter)
Figure 2 - 0.7V Differential TRise and TFall Measurement Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com