Electronic Components Datasheet Search
  English  ▼

X  

SMG5409 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG5409
Description  -2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG5409 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMG5409 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG5409 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG5409 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG5409 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SMG5409
-2.6A , -30V , RDS(ON) 120 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
15-Aug-2011 Rev. A
Page 1 of 4
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SC-59
TOP VIEW
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The SMG5409 provide the designer with best combination
of fast switching, low on-resistance and cost-effectiveness.
The SMG5409 is universally preferred for all commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
Simple Drive Requirement
Small Package Outline
MARKING
5409
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
2
TA=25°C
ID
-2.6
A
TA=70°C
-2
Pulsed Drain Current
1
IDM
-12
A
Power Dissipation
TA=25°C
P D
1.38
W
Linear Derating Factor
0.01
W / °C
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~150
°C
Thermal Resistance Rating
Maximum Junction to Ambient
2
RθJA
90
°C / W
Notes:
1.
Pulse width limited by Max. junction temperature.
2.
Surface mounted on 1 in
2 copper pad of FR4 board; 270℃/W when mounted on Min. copper pad.
Package
MPQ
Leader Size
SC-59
3K
7 inch
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50
1
2
3


Similar Part No. - SMG5409

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMG5409 VBSEMI-SMG5409 Datasheet
497Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG5409-C SECOS-SMG5409-C Datasheet
293Kb / 4P
P-Channel Enhancement Mode MOSFET
SMG5409 SECOS-SMG5409_15 Datasheet
1Mb / 4P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - SMG5409

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
SMG1330N SECOS-SMG1330N Datasheet
64Kb / 2P
2.0A , 30V , RDS(ON) 58 m N-Channel Enhancement Mode MOSFET
SMG2334NE SECOS-SMG2334NE_12 Datasheet
297Kb / 4P
3.5A , 30V , RDS(ON) 58 m N-Channel Enhancement MOSFET
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
-4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
SMG5406 SECOS-SMG5406 Datasheet
1Mb / 4P
3.6A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
-15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
STT4443 SECOS-STT4443 Datasheet
678Kb / 4P
-2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
STT6802 SECOS-STT6802 Datasheet
1Mb / 4P
3.3A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
logo
KIA Semiconductor Techn...
3409 KIA-3409 Datasheet
118Kb / 5P
-2.6A竊?30V P-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com