Electronic Components Datasheet Search
  English  ▼

X  

SMG5409 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG5409
Description  -2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG5409 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG5409 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG5409 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG5409 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG5409 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SMG5409
-2.6A , -30V , RDS(ON) 120 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
15-Aug-2011 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250uA
Gate-Threshold Voltage
VGS(th)
-1.0
-
-3.0
V
VDS=VGS, ID= -250uA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -30V, VGS=0
-
-
-5
VDS= -24V, VGS=0
Drain-Source On-Resistance
1
RDS(ON)
-
-
120
m
VGS= -10V, ID= -2.6A
-
-
170
VGS= -4.5V, ID= -2.0A
Forward Transconductance
gfs
-
4
-
S
VDS= -5V, ID= -2.5A
Dynamic
Total Gate Charge
1
Qg
-
5
8
nC
VDS= -24V,
VGS= -4.5V,
ID= -2.6A
Gate-Source Charge
Qgs
-
1
-
Gate-Drain Charge
Qgd
-
3
-
Turn-on Delay Time
1
Td(on)
-
8
-
nS
VDS= -15V,
VGS= -10V,
RG=3.3 ,
RD=15 ,
ID= -1A
Rise Time
Tr
-
5
-
Turn-off Delay Time
Td(off)
-
20
-
Fall Time
Tf
-
7
-
Input Capacitance
Ciss
-
412
660
pF
VGS=0,
VDS= -25V,
f=1.0MHz
Output Capacitance
Coss
-
91
-
Reverse Transfer Capacitance
Crss
-
62
-
Source-Drain Diode
Diode Forward Voltage
1
VSD
-
-
-1
V
IS= -1A, VGS=0
Reverse Recovery Time
1
TRR
-
16.8
-
ns
IS= -2.6A, VGS=0
dI/dt=100A/µs
Reverse Recovery Charge
QRR
-
10
-
nC
Notes:
1.
Pulse width≦300us, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com