Electronic Components Datasheet Search
  English  ▼

X  

STT3458N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3458N
Description  3.4A , 60V , RDS(ON) 92 m N-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3458N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3458N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
STT3458N
3.4A , 60V , RDS(ON) 92 m
N-Channel Enhancement Mode Mos.FET
05-Mar-2012 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize
High Cell Density process. Low RDS(on) assures minimal
power loss and conserves energy, making this device
ideal for use in power management circuitry.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Low gate charge
Fast switch
Miniature TSOP-6 surface mount package
saves board space
APPLICATION
Power switch, power management in portable
and battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
TSOP-6
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
TA= 25°C
3.4
Continuous Drain Current
1
TA= 70°C
ID
2.7
A
Pulsed Drain Current
2
IDM
±15
A
Continuous Source Current (Diode Conduction)
1
IS
1.7
A
TA= 25°C
2
Power Dissipation
1
TA= 70°C
PD
1.3
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦5 sec
62.5
Maximum Junction to Ambient
1
Steady State
RθJA
110
°C / W
Notes
1. Surface Mounted on 1” x 1” FR4 Board.
2. Pulse width limited by maximum junction temperature.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
23
4
5
6
D
G
D
D
D
S


Similar Part No. - STT3458N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
N-Channel Enhancement Mode Mos.FET
logo
VBsemi Electronics Co.,...
STT3458N VBSEMI-STT3458N Datasheet
403Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3458N SECOS-STT3458N_15 Datasheet
582Kb / 4P
N-Channel Enhancement Mode Mos.FET
More results

Similar Description - STT3458N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
N-Channel Enhancement Mode Mos.FET
SSE90N06-10P SECOS-SSE90N06-10P_11 Datasheet
617Kb / 4P
90A , 60V , RDS(ON) 9.9 m N-Channel Enhancement Mode MOSFET
STT3962NE SECOS-STT3962NE Datasheet
104Kb / 2P
2.3A , 60V , RDS(ON) 0.153 N-Channel Enhancement Mode MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
N-Channel Enhancement Mode Mos.FET
SDT3A5N06-C SECOS-SDT3A5N06-C Datasheet
338Kb / 4P
3.5A, 60V, RDS(on) 100 m(ohm) N-Channel Enhancement Mode Power MOSFET
SDT6N06-C SECOS-SDT6N06-C Datasheet
617Kb / 4P
6A, 60V, RDS(on) 44 m(ohm) N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com