Electronic Components Datasheet Search
  English  ▼

X  

STT3458N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3458N
Description  3.4A , 60V , RDS(ON) 92 m N-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3458N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3458N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
STT3458N
3.4A , 60V , RDS(ON) 92 m
N-Channel Enhancement Mode Mos.FET
05-Mar-2012 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID=250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
-
-
1
VDS=48V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
50
μA
VDS=48V, VGS=0, TJ= 55°C
On-State Drain Current
1
ID(on)
10
-
-
A
VDS =5V, VGS=10V
-
-
92
VGS=10V, ID=3.4A
Drain-Source On-Resistance
1
RDS(ON)
-
-
107
mΩ
VGS=4.5V, ID=3.1A
Forward Transconductance
1
gfs
-
8
-
S
VDS=4.5V, ID=3.4A
Diode Forward Voltage
VSD
-
1.1
-
V
IS=1.7A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
3.6
-
Gate-Source Charge
Qgs
-
1.8
-
Gate-Drain Charge
Qgd
-
1.3
-
nC
VDS=30V,
VGS=5V,
ID=3.4A
Turn-on Delay Time
Td(on)
-
10
-
Rise Time
Tr
-
10
-
Turn-off Delay Time
Td(off)
-
20
-
Fall Time
Tf
-
10
-
nS
VDD=30V,
VGEN=10V,
RL=30Ω,
ID=1A
Notes
1. Pulse test:PW≦300μs duty cycle≦2%.
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com