Electronic Components Datasheet Search
  English  ▼

X  

6FR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 6FR
Description  Standard Recovery Diodes (Stud Version), 6 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6FR Datasheet(HTML) 6 Page - Vishay Siliconix

  6FR Datasheet HTML 1Page - Vishay Siliconix 6FR Datasheet HTML 2Page - Vishay Siliconix 6FR Datasheet HTML 3Page - Vishay Siliconix 6FR Datasheet HTML 4Page - Vishay Siliconix 6FR Datasheet HTML 5Page - Vishay Siliconix 6FR Datasheet HTML 6Page - Vishay Siliconix 6FR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95311
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 30-Jun-08
1
DO-203AA (DO-4)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
3.30 (0.13)
4.00 (0.16)
5.50 (0.22) MIN.
10.20 (0.40)
MAX.
11.50 (0.45)
10.70 (0.42)
10/32" UNF-2A
For metric devices: M5 x 0.8
0.8 ± 0.1
(0.03 ± 0.004)
R 0.40
R (0.02)
Ø 6.8 (0.27)
Ø 1.80 ± 0.20
(Ø 0.07 ± 0.01)
3.50 (0.14)
20.30 (0.80) MAX.
11 (0.43)
2
+ 0.3
0
(0.08
)
+ 0.01
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com