Electronic Components Datasheet Search
  English  ▼

X  

6FR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 6FR
Description  Standard Recovery Diodes (Stud Version), 6 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6FR Datasheet(HTML) 3 Page - Vishay Siliconix

  6FR Datasheet HTML 1Page - Vishay Siliconix 6FR Datasheet HTML 2Page - Vishay Siliconix 6FR Datasheet HTML 3Page - Vishay Siliconix 6FR Datasheet HTML 4Page - Vishay Siliconix 6FR Datasheet HTML 5Page - Vishay Siliconix 6FR Datasheet HTML 6Page - Vishay Siliconix 6FR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93519
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Sep-08
3
6F(R) Series
Standard Recovery Diodes
(Stud Version), 6 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.34
0.29
TJ = TJ maximum
K/W
120°
0.44
0.48
90°
0.57
0.63
60°
0.85
0.88
30°
1.37
1.39
155
160
165
170
175
01
2345
6
7
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
6F(R) Series
R
(DC) = 2.5 K/W
thJC
155
160
165
170
175
02
46
8
10
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
6F(R) Series
R
(DC) = 2.5 K/W
thJC
0
255075
100
Maximum Allowable Ambient Temperature (°C)
15
K/W
R
=
20
K/W
- D
elta
R
th
SA
30
K/W
40 K/W
50 K/W
0
1
2
3
4
5
6
0123456
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
6F(R) Series
T = 175°C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com