Electronic Components Datasheet Search
  English  ▼

X  

40HFL Datasheet(PDF) 13 Page - Vishay Siliconix

Part # 40HFL
Description  Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40HFL Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button 40HFL Datasheet HTML 6Page - Vishay Siliconix 40HFL Datasheet HTML 7Page - Vishay Siliconix 40HFL Datasheet HTML 8Page - Vishay Siliconix 40HFL Datasheet HTML 9Page - Vishay Siliconix 40HFL Datasheet HTML 10Page - Vishay Siliconix 40HFL Datasheet HTML 11Page - Vishay Siliconix 40HFL Datasheet HTML 12Page - Vishay Siliconix 40HFL Datasheet HTML 13Page - Vishay Siliconix 40HFL Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 95312
2
Revision: 29-Sep-08
Outline Dimensions
Vishay Semiconductors
DO-203AB (DO-5) for
40HFL, 70HFL and 85HFL
DIMENSIONS FOR 85HFL in millimeters (inches)
1/4" 28UNF-2A
for metric devices: M6 x 1
Ø 15 (0.59)
4 (0.16) MIN.
4 (0.16)
6.1/7
(0.24/0.27)
25.4 (1) MAX.
11.1 ± 0.4
(0.44 ± 0.02)
10.8 (0.42)
11.4 (0.45)
1.20 (0.04)
17.35 (0.68)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com