Electronic Components Datasheet Search
  English  ▼

X  

40HFL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 40HFL
Description  Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40HFL Datasheet(HTML) 2 Page - Vishay Siliconix

  40HFL Datasheet HTML 1Page - Vishay Siliconix 40HFL Datasheet HTML 2Page - Vishay Siliconix 40HFL Datasheet HTML 3Page - Vishay Siliconix 40HFL Datasheet HTML 4Page - Vishay Siliconix 40HFL Datasheet HTML 5Page - Vishay Siliconix 40HFL Datasheet HTML 6Page - Vishay Siliconix 40HFL Datasheet HTML 7Page - Vishay Siliconix 40HFL Datasheet HTML 8Page - Vishay Siliconix 40HFL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93150
2
Revision: 25-May-09
40HFL, 70HFL, 85HFL Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 40 A/70 A/85 A
ELECTRICAL SPECIFICATIONS
Note
(1) Types listed are cathode case, for anode case add “R” to code, i.e. 40HFLR20S02, 85HFLR100S05 etc.
VOLTAGE RATINGS
TYPE NUMBER (1)
VRRM, MAXIMUM
PEAK REPETITIVE
REVERSE VOLTAGE
TJ = - 40 °C TO 125 °C
V
VRSM, MAXIMUM PEAK
NON-REPETITIVE
REVERSE VOLTAGE
TJ = 25 °C TO 125 °C
V
IFM, MAXIMUM PEAK REVERSE
CURRENT AT RATED VRRM
mA
TJ = 25 °C
TJ = 125 °C
40HFL10S02, 40HFL10S05, 40HFL10S10
100
150
0.1
10
40HFL20S02, 40HFL20S05, 40HFL20S10
200
300
40HFL40S02, 40HFL40S05, 40HFL40S10
400
500
40HFL60S02, 40HFL60S05, 40HFL60S10
600
700
40HFL80S05, 40HFL80S10
800
900
40HFL100S05, 40HFL100S10
1000
1100
70HFL10S02, 70HFL10S05, 70HFL10S10
100
150
0.1
15
70HFL20S02, 70HFL20S05, 70HFL20S10
200
300
70HFL40S02, 70HFL40S05, 70HFL40S10
400
500
70HFL60S02, 70HFL60S05, 70HFL60S10
600
700
70HFL80S05, 70HFL80S10
800
900
70HFL100S05, 70HFL100S10
1000
1100
85HFL10S02, 85HFL10S05, 85HFL10S10
100
150
0.1
20
85HFL20S02, 85HFL20S05, 85HFL20S10
200
300
85HFL40S02, 85HFL40S05, 85HFL40S10
400
500
85HFL60S02, 85HFL60S05, 85HFL60S10
600
700
85HFL80S05, 85HFL80S10
800
900
85HFL100S05, 85HFL100S10
1000
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com