Electronic Components Datasheet Search
  English  ▼

X  

S07D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S07D
Description  Small Signal Switching Diode, High Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07D Datasheet(HTML) 1 Page - Vishay Siliconix

  S07D Datasheet HTML 1Page - Vishay Siliconix S07D Datasheet HTML 2Page - Vishay Siliconix S07D Datasheet HTML 3Page - Vishay Siliconix S07D Datasheet HTML 4Page - Vishay Siliconix S07D Datasheet HTML 5Page - Vishay Siliconix S07D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S07B, S07D, S07G, S07J, S07M
Document Number 85733
Rev. 2.0, 20-Aug-10
Vishay Semiconductors
www.vishay.com
1
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Switching Diode, High Voltage
Features
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• High temperature soldering: 260 °C/10 s
at terminals
• Wave and reflow solderable
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical Data
Case: DO-219AB (SMF)
Polarity: band denotes cathode end
Weight: approx. 15 mg
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape)
GS08/3K per 7" reel (8 mm tape)
Parts Table
17249
Part
Ordering code
Marking
Remarks
S07B
S07B-GS18 or S07B-GS08
SB
Tape and reel
S07D
S07D-GS18 or S07D-GS08
SD
Tape and reel
S07G
S07G-GS18 or S07G-GS08
SG
Tape and reel
S07J
S07J-GS18 or S07J-GS08
SJ
Tape and reel
S07M
S07M-GS18 or S07M-GS08
SM
Tape and reel


Similar Part No. - S07D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S07D BILIN-S07D Datasheet
122Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
S07D VISHAY-S07D Datasheet
121Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07D VISHAY-S07D Datasheet
120Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
logo
Shenzhen Luguang Electr...
S07D LUGUANG-S07D Datasheet
208Kb / 3P
Surface Mount Rectifiers
logo
Microdiode Semiconducto...
S07D CHENDA-S07D Datasheet
593Kb / 2P
SU RFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - S07D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAY80 VISHAY-BAY80_08 Datasheet
121Kb / 5P
Small Signal Switching Diode, High Voltage
19-Feb-07
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
Small Signal Switching Diode, High Voltage
19-Feb-07
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
Small Signal Switching Diode, High Voltage
03-Jan-06
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
Small Signal Switching Diode, High Voltage
12-Aug-10
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
Small Signal Switching Diode, High Voltage
16-Jul-12
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
Small Signal Switching Diode, High Voltage
13-May-13
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
Small Signal Switching Diode, High Voltage
22-Feb-18
BAY80 VISHAY-BAY80_V01 Datasheet
81Kb / 4P
Small Signal Switching Diode, High Voltage
06-May-13
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com