Electronic Components Datasheet Search
  English  ▼

X  

S07D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S07D
Description  Small Signal Switching Diode, High Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07D Datasheet(HTML) 2 Page - Vishay Siliconix

  S07D Datasheet HTML 1Page - Vishay Siliconix S07D Datasheet HTML 2Page - Vishay Siliconix S07D Datasheet HTML 3Page - Vishay Siliconix S07D Datasheet HTML 4Page - Vishay Siliconix S07D Datasheet HTML 5Page - Vishay Siliconix S07D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85733
Rev. 2.0, 20-Aug-10
S07B, S07D, S07G, S07J, S07M
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Note:
1) Averaged over any 20 ms period
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Mounted on epoxy substrate with 3 mm x 3 mm CU pads (≥ 40 mm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Pulse test: 300 µ pulse width, 1 % duty cycle
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
S07B
VRRM
100
V
S07D
VRRM
200
V
S07G
VRRM
400
V
S07J
VRRM
600
V
S07M
VRRM
1000
V
Maximum RMS voltage
S07B
VRMS
70
V
S07D
VRMS
140
V
S07G
VRMS
280
V
S07J
VRMS
420
V
S07M
VRMS
700
V
Maximum DC blocking voltage
S07B
VDC
100
V
S07D
VDC
200
V
S07G
VDC
400
V
S07J
VDC
600
V
S07M
VDC
1000
V
Maximum average forward rectified current
Ttp = 75 °C
1)
IF(AV)
1.5
A
TA = 65 °C
1)
IF(AV)
0.7
A
Peak forward surge current 8.3 ms single
half sine-wave
TL = 25 °C
IFSM
25
A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air 1)
RthJA
180
K/W
Operating junction and storage
temperature range
TJ, TSTG
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Maximum instantaneous
forward voltage
1 A 1)
VF
1.1
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
10
μA
TA = 125 °C
IR
50
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
1.8
μs
Typical capacitance at 4 V, MHz
Cj
4pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com