Electronic Components Datasheet Search
  English  ▼

X  

OB2355 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # OB2355
Description  MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

OB2355 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  OB2355 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd OB2355 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd OB2355 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd OB2355 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd OB2355 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd OB2355 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd OB2355 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd OB2355 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silicore
绍兴芯谷科技有限公司
D3873/D3874/D3875/D3876
绍兴芯谷科技有限公司
www. Silicore. com. cn
CHMC
3/8
管脚描述:
管脚号
管脚名称
功能描述
1
Vcc-G
输出M O S 管驱动电源
2
Vcc
电源
3
FB
反馈输入端
4
Sense
电流检测端
5, 6
Drain
漏端
7, 8
Gnd
地
典型输出功率:
190V ~ 260V
85V ~ 265V
产品
适配器
开放式
适配器
开放式
OB2353
6W
8W
5W
7W
OB2354
10W
14W
8W
12W
OB2355
12W
18W
10W
15W
OB2358
14W
20W
12W
18W
极限值:
参数
符号
极限值
单位
漏栅电压
V Drain
650
V
栅源电压
V GS
 ±
20
V
OB2353
0.8
OB2354
1.0
OB2355
2.0
漏极持续电流
OB2358
I D
4.0
A
电源电压
V VCC
25
V
反馈端最大输入电压
-0.3 ~ 7.0
V
耗散功率
P D
1.5
W
工作结温
Tj
+160
℃
工作环境温度
Tamb
-20 ~ +85
℃
贮存温度
Tstg
-55 ~ +150
℃
OB2353/2354/2355/2358



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com