Electronic Components Datasheet Search
  English  ▼

X  

GLL4737 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GLL4737
Description  Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLL4737 Datasheet(HTML) 1 Page - Vishay Siliconix

  GLL4737 Datasheet HTML 1Page - Vishay Siliconix GLL4737 Datasheet HTML 2Page - Vishay Siliconix GLL4737 Datasheet HTML 3Page - Vishay Siliconix GLL4737 Datasheet HTML 4Page - Vishay Siliconix GLL4737 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GLL4735 to GLL4763A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 06-Dec-11
1
Document Number: 85781
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Diodes
FEATURES
• Plastic package has underwriters laboratory
flammability classification UL 94 V-0
• For surface mounted applications
• Glass passivated chip junction
• Low Zener impedance
• Low regulation factor
• High temperature soldering guaranteed:
250 °C/10 s at terminals
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
6.2 to 91
V
Test current IZT
2.8 to 41
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
GLL4735 to GLL4763A
GLL4735 to GLL4763A-series-97
5000 (12 mm tape on 13" reel)
5000/box
GLL4735 to GLL4763A
GLL4735 to GLL4763A-series-96
1500 (12 mm tape on 7" reel)
1500/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
MELF DO-213AB (plastic)
116 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Maximum steady state power dissipation is 1 W
at TT = 75 °C
Ptot
1000
mW
Zener current
see table “Characteristics”
Junction to ambient air
RthJA
170
°C/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C


Similar Part No. - GLL4737

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GLL4737 GE-GLL4737 Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Vishay Siliconix
GLL4737 VISHAY-GLL4737 Datasheet
148Kb / 6P
Zener Diodes
06-Aug-04
GLL4737A VISHAY-GLL4737A Datasheet
148Kb / 6P
Zener Diodes
06-Aug-04
logo
SUNMATE electronic Co.,...
GLL4737A SUNMATE-GLL4737A Datasheet
598Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - GLL4737

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com