Electronic Components Datasheet Search
  English  ▼

X  

GLL4737 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GLL4737
Description  Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLL4737 Datasheet(HTML) 2 Page - Vishay Siliconix

  GLL4737 Datasheet HTML 1Page - Vishay Siliconix GLL4737 Datasheet HTML 2Page - Vishay Siliconix GLL4737 Datasheet HTML 3Page - Vishay Siliconix GLL4737 Datasheet HTML 4Page - Vishay Siliconix GLL4737 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GLL4735 to GLL4763A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 06-Dec-11
2
Document Number: 85781
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Standard voltage tolerance is ± 10 %, suffix A = ± 5 %
(2) Surge current is a non-repetitive, 8.3 ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC method
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
ZENER VOLTAGE
RANGE (1)
TEST CURRENT
DC REVERSE
LEAKAGE
CURRENT
DYNAMIC RESISTANCE
f = 1 kHz
ZENER
CURRENT (2)
FORWARD
VOLTAGE
at 200 mA
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
IZM
VF
V
mA
μA
V
mApk
V
NOM.
MAX.
MAX.
MAX.
MAX.
MAX.
GLL4735
6.2
41
1
50
3
2
700
730
1.2
GLL4736
6.8
37
1
10
4
3.5
700
660
1.2
GLL4737
7.5
34
0.5
10
5
4
700
605
1.2
GLL4738
8.2
31
0.5
10
6
4.5
700
550
1.2
GLL4739
9.1
28
0.5
10
7
5
700
500
1.2
GLL4740
10
25
0.25
10
7.6
7
700
454
1.2
GLL4741
11
23
0.25
5
8.4
8
700
414
1.2
GLL4742
12
21
0.25
5
9.1
9
700
380
1.2
GLL4743
13
19
0.25
5
9.9
10
700
344
1.2
GLL4744
15
17
0.25
5
11.4
14
700
305
1.2
GLL4745
16
15.5
0.25
5
12.2
16
700
285
1.2
GLL4746
18
14
0.25
5
13.7
20
750
250
1.2
GLL4747
20
12.5
0.25
5
15.2
22
750
225
1.2
GLL4748
22
11.5
0.25
5
16.7
23
750
205
1.2
GLL4749
24
10.5
0.25
5
18.2
25
750
190
1.2
GLL4750
27
9.5
0.25
5
20.6
35
750
170
1.2
GLL4751
30
8.5
0.25
5
22.8
40
1000
150
1.2
GLL4752
33
7.5
0.25
5
25.1
45
1000
135
1.2
GLL4753
36
7
0.25
5
27.4
50
1000
125
1.2
GLL4754
39
6.5
0.25
5
29.7
60
1000
115
1.2
GLL4755
43
6
0.25
5
32.7
70
1500
110
1.2
GLL4756
47
5.5
0.25
5
35.8
80
1500
95
1.2
GLL4757
51
5
0.25
5
38.8
95
1500
90
1.2
GLL4758
56
4.5
0.25
5
42.6
110
2000
80
1.2
GLL4759
62
4
0.25
5
47.1
125
2000
70
1.2
GLL4760
68
3.7
0.25
5
51.7
150
2000
65
1.2
GLL4761
75
3.3
0.25
5
56
175
2000
60
1.2
GLL4762
82
3
0.25
5
62.2
200
3000
55
1.2
GLL4763
91
2.8
0.25
5
69.2
250
3000
50
1.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com