Electronic Components Datasheet Search
  English  ▼

X  

DS1302SN Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # DS1302SN
Description  Trickle Charge Timekeeping Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DS1302SN Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  DS1302SN Datasheet HTML 1Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 2Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 3Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 4Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 5Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 6Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 7Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 8Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
070900
FEATURES
Real time clock counts seconds, minutes
hours, date of the month, month, day of the
week, and year with leap year compensation
valid up to 2100
31 x 8 RAM for scratchpad data storage
Serial I/O for minimum pin count
2.0–5.5V full operation
Uses less than 300 nA at 2.0V
Single–byte or multiple–byte (burst mode)
data transfer for read or write of clock or
RAM data
8–pin DIP or optional 8–pin SOICs for
surface mount
Simple 3–wire interface
TTL–compatible (VCC = 5V)
Optional industrial temperature range
–40°C to +85°C
DS1202 compatible
Recognized by Underwriters Laboratory
ORDERING INFORMATION
PART #
DESCRIPTION
DS1302
8–Pin DIP
DS1302N
8-Pin DIP (Industrial)
DS1302S
8–Pin SOIC (200 mil)
DS1302SN
8–Pin SOIC (Industrial)
DS1302Z
8–Pin SOIC (150 mil)
DS1302ZN
8–Pin SOIC (Industrial)
DS1302S-16
16-Pin SOIC (300 mil)
DS1302SN-16
16-Pin SOIC (Industrial)
PIN ASSIGNMENT
PIN DESCRIPTION
X1, X2
– 32.768 kHz Crystal Pins
GND
– Ground
RST
– Reset
I/O
– Data Input/Output
SCLK
– Serial Clock
VCC1, VCC2
– Power Supply Pins
DESCRIPTION
The DS1302 Trickle Charge Timekeeping Chip contains a real time clock/calendar and 31 bytes of static
RAM. It communicates with a microprocessor via a simple serial interface. The real time clock/calendar
provides seconds, minutes, hours, day, date, month, and year information. The end of the month date is
automatically adjusted for months with less than 31 days, including corrections for leap year. The clock
operates in either the 24–hour or 12–hour format with an AM/PM indicator
DS1302
VCC2
X1
X2
GND
VCC1
SCLK
I/O
RST
8
7
6
5
1
2
3
4
DS1302
8-Pin DIP (300 mil)
VCC2
X1
X2
GND
VCC1
SCLK
I/O
RST
8
7
6
5
1
2
3
4
DS1302S 8-Pin SOIC (200 mil)
DS1302Z 8-Pin SOIC (150 mil)
16-Pin SOIC
VCC1
NC
SCLK
NC
I/O
NC
NC
NC
RST
VCC2
NC
X1
NC
X2
NC
GND
1
2
3
4
5
6
8
7
16
15
14
13
12
11
9
10
TIGER ELECTRONIC CO.,LTD
Trickle Charge Timekeeping Chip


Similar Part No. - DS1302SN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302SN DALLAS-DS1302SN Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1302SN DALLAS-DS1302SN Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302SN ARTSCHIP-DS1302SN Datasheet
397Kb / 13P
Trickle Charge Timekeeping Chip
logo
Dallas Semiconductor
DS1302SN+ DALLAS-DS1302SN+ Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302SN+ MAXIM-DS1302SN+ Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
More results

Similar Description - DS1302SN

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
Trickle-charge IC for two-cell, lithium-ion batteries
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
Serial Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
Trickle Charge Timekeeping Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com