Electronic Components Datasheet Search
  English  ▼

X  

DS1302SN Datasheet(PDF) 10 Page - Tiger Electronic Co.,Ltd

Part # DS1302SN
Description  Trickle Charge Timekeeping Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DS1302SN Datasheet(HTML) 10 Page - Tiger Electronic Co.,Ltd

Back Button DS1302SN Datasheet HTML 6Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 7Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 8Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 9Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 10Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 11Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 12Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 13Page - Tiger Electronic Co.,Ltd DS1302SN Datasheet HTML 14Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS1302
10 of 14
CAPACITANCE
(tA = 25ºC)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
10
pF
I/O Capacitance
CI/O
15
pF
Crystal Capacitance
CX
6pF
AC ELECTRICAL CHARACTERISTICS
(0
ºC to 70ºC or -40
°C to +85°C; V
CC = 2.0 to 5.5V*)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC=2.0V
200
Data to CLK Setup
tDC
VCC=5V
50
ns
7
VCC=2.0V
280
CLK to Data Hold
tCDH
VCC=5V
70
ns
7
VCC=2.0V
800
CLK to Data Delay
tCDD
VCC=5V
200
ns
7, 8, 9
VCC=2.0V
1000
CLK Low Time
tCL
VCC=5V
250
ns
7
VCC=2.0V
1000
CLK High Time
tCH
VCC=5V
250
ns
7
VCC=2.0V
0.5
CLK Frequency
tCLK
VCC=5V
DC
2.0
MHz
7
VCC=2.0V
2000
CLK Rise and Fall
tR, tF
VCC=5V
500
ns
VCC=2.0V
4
RST
to CLK Setup
tCC
VCC=5V
1
µs
7
VCC=2.0V
240
CLK to RST Hold
tCCH
VCC=5V
60
ns
7
VCC=2.0V
4
RST
Inactive Time
tCWH
VCC=5V
1
µs
7
VCC=2.0V
280
RST
to I/O High Z
tCDZ
VCC=5V
70
ns
7
VCC=2.0V
280
SCLK to I/O High Z
tCCZ
VCC=5V
70
ns
7
*Unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com