Electronic Components Datasheet Search
  English  ▼

X  

GSIB1540N Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSIB1540N
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB1540N Datasheet(HTML) 2 Page - Vishay Siliconix

  GSIB1540N Datasheet HTML 1Page - Vishay Siliconix GSIB1540N Datasheet HTML 2Page - Vishay Siliconix GSIB1540N Datasheet HTML 3Page - Vishay Siliconix GSIB1540N Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
GSIB1520N, GSIB1540N, GSIB1560N, GSIB1580N
www.vishay.com
Vishay General Semiconductor
Revision: 15-Aug-11
2
Document Number: 89387
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on PCB without heatsink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GSIB1520N GSIB1540N GSIB1560N GSIB1580N
UNIT
Maximum instantaneous
forward voltage drop per diode
IF = 7.5 A
VF
0.95
V
Maximum DC reverse current at
rated DC blocking voltage per diode
TA = 25 °C
IR
10
μA
TA = 125 °C
250
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GSIB1520N GSIB1540N GSIB1560N GSIB1580N
UNIT
Maximum thermal resistance
RJA (2)
22
°C/W
RJC (1)
1.5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GSIB1560N-M3/45
7.0
45
20
Tube
0
15
20
75
50
25
0
100
125
150
10
5
Heatsink Mounting, T
C
PCB Mounting, T
A
Temperature (°C)
0
50
100
150
200
250
1
100
10
300
Number of Cycles at 60 Hz
1.0 Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com