Electronic Components Datasheet Search
  English  ▼

X  

GSIB1540N Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GSIB1540N
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB1540N Datasheet(HTML) 3 Page - Vishay Siliconix

  GSIB1540N Datasheet HTML 1Page - Vishay Siliconix GSIB1540N Datasheet HTML 2Page - Vishay Siliconix GSIB1540N Datasheet HTML 3Page - Vishay Siliconix GSIB1540N Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
GSIB1520N, GSIB1540N, GSIB1560N, GSIB1580N
www.vishay.com
Vishay General Semiconductor
Revision: 15-Aug-11
3
Document Number: 89387
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.01
10
0.1
1
100
0.3
1.3
0.5
0.9
1.1
0.7
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
1000
20
60
40
100
80
0
0.1
1
10
100
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
10
1
100
1000
1
10
100
Reverse Voltage (V)
10
1
0.1
0.1
10
1
0.01
t - Heating Time (s)
2.5 ± 0.2
2.2 ± 0.2
1 ± 0.1
10 ± 0.2
7.5
± 0.2
2.7 ± 0.2
0.7 ± 0.1
4.6 ± 0.2
3.6 ± 0.2
+
7.5
± 0.2
30 ± 0.3
Case Style GSIB-5S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com