Electronic Components Datasheet Search
  English  ▼

X  

BSP149 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BSP149
Description  SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP149 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSP149 Datasheet HTML 1Page - Siemens Semiconductor Group BSP149 Datasheet HTML 2Page - Siemens Semiconductor Group BSP149 Datasheet HTML 3Page - Siemens Semiconductor Group BSP149 Datasheet HTML 4Page - Siemens Semiconductor Group BSP149 Datasheet HTML 5Page - Siemens Semiconductor Group BSP149 Datasheet HTML 6Page - Siemens Semiconductor Group BSP149 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Typ. transfer characteristics
I
D = f (VGS)
parameter:
t
p = 80 µs, VDS ≥ 2 × ID × RDS(on)max.
Drain-source on-resistance
R
DS(on) = f(Tj)
parameter:
I
D = 0.03 A, VGS = 0 V, (spread)
Typ. forward transconductance
g
fs = f (ID)
parameter:
V
DS ≥ 2 × ID × RDS(on)max., tp = 80 µs
Typ. capacitances
C = f (V
DS)
parameter:
V
GS = 0, f
= 1 MHz
BSP 149



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com