Electronic Components Datasheet Search
  English  ▼

X  

BSP149 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BSP149
Description  SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP149 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSP149 Datasheet HTML 1Page - Siemens Semiconductor Group BSP149 Datasheet HTML 2Page - Siemens Semiconductor Group BSP149 Datasheet HTML 3Page - Siemens Semiconductor Group BSP149 Datasheet HTML 4Page - Siemens Semiconductor Group BSP149 Datasheet HTML 5Page - Siemens Semiconductor Group BSP149 Datasheet HTML 6Page - Siemens Semiconductor Group BSP149 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
09.96
Type
Ordering
Code
Tape and Reel Information Pin Configuration Marking Package
1234
BSP 149 Q67000-S071 E6327: 1000 pcs/reel
G
D
S
D
BSP 149 SOT-223
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
V
DS
200
V
Drain-gate voltage,
R
GS = 20 kΩ
V
DGR
200
Gate-source voltage
V
GS
± 14
Gate-source peak voltage, aperiodic
V
gs
± 20
Continuous drain current,
T
A = 28 ˚C
I
D
0.48
A
Pulsed drain current,
T
A = 25 ˚C
I
D puls
1.44
Max. power dissipation,
T
A = 25 ˚C
P
tot
1.8
W
Operating and storage temperature range
T
j, Tstg
– 55 … + 150
˚C
Thermal resistance 1)
chip-ambient
chip-soldering point
R
thJA
R
thJS
70
10
K/W
DIN humidity category, DIN 40 040
–
E
–
IEC climatic category, DIN IEC 68-1
–
55/150/56
1)
Transistor on epoxy pcb 40 mm
× 40 mm × 1.5 mm with 6 cm2 copper area for drain connection.
SIPMOS® Small-Signal Transistor
BSP 149
q
V
DS
200 V
q
I
D
0.48 A
q
R
DS(on) 3.5 Ω
q
N channel
q
Depletion mode
q
High dynamic resistance
q
Available grouped in
V
GS(th)


Similar Part No. - BSP149

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP149 INFINEON-BSP149 Datasheet
206Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.0 2003-04-03
BSP149 INFINEON-BSP149 Datasheet
226Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.2 2005-11-28
logo
TECH PUBLIC Electronics...
BSP149 TECHPUBLIC-BSP149 Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
Infineon Technologies A...
BSP149 INFINEON-BSP149_05 Datasheet
226Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.2 2005-11-28
More results

Similar Description - BSP149

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP125 SIEMENS-BSP125 Datasheet
175Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode)
BSP129 SIEMENS-BSP129 Datasheet
321Kb / 7P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP135 SIEMENS-BSP135 Datasheet
411Kb / 7P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS129 SIEMENS-BSS129 Datasheet
282Kb / 6P
SIPMOS Small-Signal Transistor(N channel Depletion mode High dynamic resistance)
BSS135 SIEMENS-BSS135 Datasheet
318Kb / 6P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS139 SIEMENS-BSS139 Datasheet
330Kb / 6P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS149 SIEMENS-BSS149 Datasheet
279Kb / 6P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS159 SIEMENS-BSS159 Datasheet
33Kb / 4P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS169 SIEMENS-BSS169 Datasheet
33Kb / 4P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS229 SIEMENS-BSS229 Datasheet
303Kb / 6P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com