Electronic Components Datasheet Search
  English  ▼

X  

BSP170P Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BSP170P
Description  SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP170P Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BSP170P Datasheet HTML 1Page - Siemens Semiconductor Group BSP170P Datasheet HTML 2Page - Siemens Semiconductor Group BSP170P Datasheet HTML 3Page - Siemens Semiconductor Group BSP170P Datasheet HTML 4Page - Siemens Semiconductor Group BSP170P Datasheet HTML 5Page - Siemens Semiconductor Group BSP170P Datasheet HTML 6Page - Siemens Semiconductor Group BSP170P Datasheet HTML 7Page - Siemens Semiconductor Group BSP170P Datasheet HTML 8Page - Siemens Semiconductor Group BSP170P Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
07 / 1998
8
BSP 170 P
Preliminary data
Typ. gate charge
VGS = f (QGate)
parameter: ID puls =-1.9A
0
2
4
6
8
10
nC
14
QGate
0
2
4
6
8
10
12
V
16
BSP 170 P
VGS
DS max
V
0,8
DS max
V
0,2
Avalanche Energy EAS = f (Tj)
parameter: ID = -1.9 A,VDD = -25 V
RGS = 25 Ω
20
40
60
80
100
120
°C
150
Tj
0
5
10
15
20
25
30
35
40
45
50
55
60
mJ
70
EAS
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
160
Tj
54
56
58
60
62
64
66
68
V
71
BSP 170 P
V(BR)DSS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com