Electronic Components Datasheet Search
  English  ▼

X  

BSP170P Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSP170P
Description  SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP170P Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSP170P Datasheet HTML 1Page - Siemens Semiconductor Group BSP170P Datasheet HTML 2Page - Siemens Semiconductor Group BSP170P Datasheet HTML 3Page - Siemens Semiconductor Group BSP170P Datasheet HTML 4Page - Siemens Semiconductor Group BSP170P Datasheet HTML 5Page - Siemens Semiconductor Group BSP170P Datasheet HTML 6Page - Siemens Semiconductor Group BSP170P Datasheet HTML 7Page - Siemens Semiconductor Group BSP170P Datasheet HTML 8Page - Siemens Semiconductor Group BSP170P Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
07 / 1998
2
BSP 170 P
Preliminary data
Electrical Characteristics
Parameter
Values
Symbol
Unit
at Tj = 25 °C, unless otherwise specified
typ.
max.
min.
Thermal Characteristics
-
-
tbd
RthJS
Thermal resistance, junction -soldering point (Pin 4 )
K/W
-
-
tbd
-
-
70
RthJA
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area1)
Static Characteristics
V(BR)DSS
60
-
-
Drain- source breakdown voltage
VGS = 0 V, ID = -0.25 mA
V
VGS(th)
-2.1
-4
-3
Gate threshold voltage, VGS = VDS
ID = -460 µA
IDSS
-
-
-1
-100
µA
-0.1
-
Zero gate voltage drain current
VDS = -60 V, VGS = 0 V, Tj = 25 °C
VDS = -60 V, VGS = 0 V, Tj = 125 °C
IGSS
-
-10
Gate-source leakage current
VGS = -20 V, VDS = 0 V
nA
-100
RDS(on)
-
0.175
0.3
Ω
Drain-Source on-state resistance
VGS = -10 V, ID = -1.9 A
1 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com